Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PSD4135F2-15UI Arkusz danych(PDF) 14 Page - STMicroelectronics

Numer części PSD4135F2-15UI
Szczegółowy opis  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F2-15UI Arkusz danych(HTML) 14 Page - STMicroelectronics

Back Button PSD4135F2-15UI Datasheet HTML 10Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 11Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 12Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 13Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 14Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 15Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 16Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 17Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
Preliminary Information
PSD4000 Series
11
Table 6 shows the offset addresses to the PSD4000 registers relative to the CSIOP base
address. The CSIOP space is the 256 bytes of address that is allocated by the user to the
internal PSD4000 registers. Table 6 provides brief descriptions of the registers in CSIOP
space. For a more detailed description, refer to section 9.
7.0 PSD4000
Register
Description and
Address Offset
Register Name
Port A
Port B
Port C
Port D
Port E
Port F
Port G
Other*
Description
Data In
00
01
10
11
30
40
41
Reads Port pin as input,
MCU I/O input mode
Control
32
42
43
Selects mode between
MCU I/O or Address Out
Stores data for output
Data Out
04
05
14
15
34
44
45
to Port pins, MCU I/O
output mode
Direction
06
07
16
17
36
46
47
Configures Port pin as
input or output
Configures Port pins as
either CMOS or Open
Drive Select
08
09
18
19
38
48
49
Drain on some pins, while
selecting high slew rate
on other pins.
Flash Protection
C0
Read only – Flash Sector
Protection
Flash Boot
Read only – PSD Security
Protection
C2
and Flash Boot Sector
Protection
PMMR0
B0
Power Management
Register 0
PMMR2
B4
Power Management
Register 2
Page
E0
Page Register
Places PSD memory
VM
E2
areas in Program and/or
Data space on an
individual basis.
Memory_ID0
F0
Read only – Flash and
SRAM size
Memory_ID1
F1
Read only – Boot type
and size
Table 6. Register Address Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com