Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PSD4135F2-15UI Arkusz danych(PDF) 66 Page - STMicroelectronics

Numer części PSD4135F2-15UI
Szczegółowy opis  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F2-15UI Arkusz danych(HTML) 66 Page - STMicroelectronics

Back Button PSD4135F2-15UI Datasheet HTML 62Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 63Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 64Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 65Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 66Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 67Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 68Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 69Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
Preliminary Information
PSD4000 Series
Range
Temperature
VCC Tolerance
Commercial
0° C to +70°C
+ 5 V ± 10%
Industrial
–40° C to +85°C
+ 5 V ± 10%
Commercial
0° C to +70°C
3.0 V to 3.6 V
Industrial
–40° C to +85°C
3.0 V to 3.6 V
Symbol
Parameter
Condition
Min
Max
Unit
TSTG
Storage Temperature
PLDCC
– 65
+ 125
°C
Commercial
0
+ 70
°C
Operating Temperature
Industrial
– 40
+ 85
°C
Voltage on any Pin
With Respect to GND
– 0.6
+ 7
V
V
PP
Device Programmer
Supply Voltage
With Respect to GND
– 0.6
+ 14
V
VCC
Supply Voltage
With Respect to GND
– 0.6
+ 7
V
ESD Protection
>2000
V
10.0
Absolute
Maximum
Ratings
NOTE: Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not recommended. Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect device reliability.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Supply Voltage
All Speeds
4.5
5
5.5
V
VCC
Supply Voltage
V-Versions
All Speeds
3.0
3.6
V
12.0
Recommended
Operating
Conditions
11.0
Operating
Range
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com