Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PSD4135F2-15UI Arkusz danych(PDF) 53 Page - STMicroelectronics

Numer części PSD4135F2-15UI
Szczegółowy opis  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F2-15UI Arkusz danych(HTML) 53 Page - STMicroelectronics

Back Button PSD4135F2-15UI Datasheet HTML 49Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 50Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 51Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 52Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 53Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 54Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 55Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 56Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
PSD4000 Series
Preliminary Information
50
9.4.3 Port Configuration Registers (PCRs)
Each port has a set of PCRs used for configuration. The contents of the registers can be
accessed by the microcontroller through normal read/write bus cycles at the addresses
given in Table 6. The addresses in Table 6 are the offsets in hex from the base of the
CSIOP register.
The pins of a port are individually configurable and each bit in the register controls its
respective pin. For example, Bit 0 in a register refers to Bit 0 of its port. The three PCRs,
shown in Table 19, are used for setting the port configurations. The default power-up state
for each register in Table 22 is 00h.
Register Name
Port
MCU Access
Control
E,F,G
Write/Read
Direction
A,B,C,D,E,F,G
Write/Read
Drive Select*
A,B,C,D,E,F,G
Write/Read
Table 19. Port Configuration Registers
*NOTE: See Table 22 for Drive Register bit definition.
The
PSD4000
Functional
Blocks
(cont.)
9.4.3.1 Control Register
Any bit set to ‘0’ in the Control Register sets the corresponding Port pin to MCU I/O Mode,
and a ‘1’ sets it to Address Out Mode. The default mode is MCU I/O. Only Ports E, F and
G have an associated Control Register.
9.4.3.2 Direction Register
The Direction Register controls the direction of data flow in the I/O Ports. Any bit set to ‘1’
in the Direction Register will cause the corresponding pin to be an output, and any bit set
to ‘0’ will cause it to be an input. The default mode for all port pins is input.
Figures 21 and 23 show the Port Architecture diagrams for Ports A/B/C and E/F/G
respectively. The direction of data flow for Ports A, B, C and F are controlled by the
direction register.
An example of a configuration for a port with the three least significant bits set to output
and the remainder set to input is shown in Table 21. Since Port D only contains four pins,
the Direction Register for Port D has only the four least significant bits active.
Direction Register Bit
Port Pin Mode
0
Input
1
Output
Table 20. Port Pin Direction Control
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
000
0
1
1
1
Table 21. Port Direction Assignment Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com