Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PSD4135F2-15UI Arkusz danych(PDF) 30 Page - STMicroelectronics

Numer części PSD4135F2-15UI
Szczegółowy opis  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F2-15UI Arkusz danych(HTML) 30 Page - STMicroelectronics

Back Button PSD4135F2-15UI Datasheet HTML 26Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 27Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 28Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 29Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 30Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 31Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 32Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 33Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
Preliminary Information
PSD4000 Series
27
The
PSD4000
Functional
Blocks
(cont.)
Level 1
SRAM, I /O
Level 2
Secondary Flash Memory
Highest Priority
Lowest Priority
Level 3
Main Flash Memory
Figure 5. Priority Level of Memory and I/O Components
9.1.3.1. Memory Select Configuration for MCUs with Separate Program and Data Spaces
The 80C51XA and compatible family of microcontrollers, can be configured to have
separate address spaces for code memory (selected using PSEN) and data memory
(selected using RD). Any of the memories within the PSD4000 can reside in either space
or both spaces. This is controlled through manipulation of the VM register that resides in
the PSD’s CSIOP space.
The VM register is set using PSDsoft to have an initial value. It can subsequently be
changed by the microcontroller so that memory mapping can be changed on-the-fly.
For example, you may wish to have SRAM and main Flash in Data Space at boot, and
secondary Flash memory in Program Space at boot, and later swap main and secondary
Flash memory. This is easily done with the VM register by using PSDsoft to configure it for
boot up and having the microcontroller change it when desired.
Table 11 describes the VM Register.
Bit 7
Bit 6* Bit 5*
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PIO_EN
FL_Data Boot_Data
FL_Code
Boot_Code SRAM_Code
0 = disable
**
0 = RD
0 = RD
0 = PSEN
0 = PSEN
0 = PSEN
PIO mode
can’t
can’t
can’t
can’t
can’t
access
access
access
access
access
Flash
Boot Flash
Flash
Boot Flash
SRAM
1= enable
**
1 = RD
1 = RD
1 = PSEN
1 = PSEN
1 = PSEN
PIO mode
access
access
access
access
access
Flash
Boot Flash
Flash
Boot Flash
SRAM
Table 11. VM Register
NOTE: Bits 6-5 are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com