Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA4411 Arkusz danych(PDF) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Numer części TPA4411
Szczegółowy opis  80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Strona internetowa  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPA4411 Arkusz danych(HTML) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TPA4411 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 1.8 V,
RL = 32 Ω
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
100
1 k
10 k
100 k
1.8 V
3 V
4.5 V
RL = 32 Ω
f − Frequency − Hz
3.6 V
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 1.8 V,
RL = 16 Ω
0
50
100
150
200
250
300
0
50
100
150
200
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 3 V,
RL = 16 Ω
PO − Output Power − mW
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
In Phase
180
° Out of Phase
VDD = 3.6 V,
RL = 16 Ω
0
20
40
60
80
100
120
140
160
0
50
100
150
200
PO − Output Power − mW
In Phase
VDD = 3 V,
RL = 32 Ω
180
° Out of Phase
PO − Output Power − mW
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
In Phase
180
° Out of Phase
VDD = 4.5 V,
RL = 32 Ω
0
50
100
150
200
250
0
50
100
150
200
250
300
350
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 3.6 V,
RL = 32 Ω
0
100
200
300
400
500
600
0
50
100
150
200
250
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 4.5 V,
RL = 16 Ω
TPA4411
TPA4411M
SLOS430E – AUGUST 2004 – REVISED MARCH 2008
SUPPLY VOLTAGE
REJECTION RATIO
POWER DISSIPATION
POWER DISSIPATION
vs
vs
vs
FREQUENCY
OUTPUT POWER
OUTPUT POWER
Figure 34.
Figure 35.
Figure 36.
POWER DISSIPATION
POWER DISSIPATION
POWER DISSIPATION
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 37.
Figure 38.
Figure 39.
POWER DISSIPATION
POWER DISSIPATION
POWER DISSIPATION
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 40.
Figure 41.
Figure 42.
Copyright © 2004–2008, Texas Instruments Incorporated
11
Product Folder Link(s): TPA4411 TPA4411M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com