Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA4411 Arkusz danych(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Numer części TPA4411
Szczegółowy opis  80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Strona internetowa  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPA4411 Arkusz danych(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TPA4411 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
www.ti.com
30
40
50
60
70
80
90
100
110
120
0
10
20
30
40
50
2.2
µF
1
µF
0.68
µF
0.47
µF
RL − Load Resistance − Ω
In Phase,
VDD = 3 V,
THD = 1%,
Vary C(PUMP)
0
5
10
15
20
25
30
35
40
10
100
1000
10000
Out of Phase
In Phase
RL − Load Resistance − Ω
VDD = 1.8 V,
THD = 10%,
fIN = 1 kHz,
PO = POUTL + POUTR
0
5
10
15
20
25
30
10
100
1000
10000
Out of Phase
In Phase
RL − Load Resistance − Ω
VDD = 1.8 V,
THD = 1%,
fIN = 1 kHz,
PO = POUTL + POUTR
0
20
40
60
80
100
120
140
160
10
100
1000
10000
Out of Phase
In Phase
RL − Load Resistance − Ω
VDD = 3 V,
THD = 1%,
fIN = 1 kHz,
PO = POUTL + POUTR
0
50
100
150
200
250
10
100
1000
10000
Out of Phase
In Phase
RL − Load Resistance − Ω
VDD = 3 V,
THD = 10%,
fIN = 1 kHz,
PO = POUTL + POUTR
0
50
100
150
200
250
10
100
1000
10000
Out of Phase
In Phase
RL − Load Resistance − Ω
VDD = 3.6 V,
THD = 1%,
fIN = 1 kHz,
PO = POUTL + POUTR
0
50
100
150
200
250
300
350
10
100
1000
10000
Out of Phase
In Phase
RL − Load Resistance − Ω
VDD = 3.6 V,
THD = 10%,
fIN = 1 kHz,
PO = POUTL + POUTR
0
50
100
150
200
250
300
350
10
100
1000
10000
Out of Phase
In Phase
RL − Load Resistance − Ω
VDD = 4.5 V,
THD = 10%,
fIN = 1 kHz,
PO = POUTL + POUTR
0
50
100
150
200
250
300
350
400
450
500
10
100
1000
10000
Out of Phase
In Phase
RL − Load Resistance − Ω
VDD = 4.5 V,
THD = 10%,
fIN = 1 kHz,
PO = POUTL + POUTR
TPA4411
TPA4411M
SLOS430E – AUGUST 2004 – REVISED MARCH 2008
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
vs
vs
vs
LOAD RESISTANCE
LOAD RESISTANCE
LOAD RESISTANCE
Figure 52.
Figure 53.
Figure 54.
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
vs
vs
vs
LOAD RESISTANCE
LOAD RESISTANCE
LOAD RESISTANCE
Figure 55.
Figure 56.
Figure 57.
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
vs
vs
vs
LOAD RESISTANCE
LOAD RESISTANCE
LOAD RESISTANCE
Figure 58.
Figure 59.
Figure 60.
Copyright © 2004–2008, Texas Instruments Incorporated
13
Product Folder Link(s): TPA4411 TPA4411M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com