Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA4411 Arkusz danych(PDF) 16 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Numer części TPA4411
Szczegółowy opis  80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Strona internetowa  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPA4411 Arkusz danych(HTML) 16 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TPA4411 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
www.ti.com
C
O
C
O
V
OUT
V
OUT
GND
GND
V
DD
V
DD
V
/2
DD
V
BIAS
Conventional
Capless
GND
V
DD
V
SS
V
BIAS
DirectPath
TM
Input-Blocking Capacitors
fc
IN +
1
2p R
IN CIN
C
IN +
1
2p fc
IN RIN
or
(3)
TPA4411
TPA4411M
SLOS430E – AUGUST 2004 – REVISED MARCH 2008
Figure 64. Amplifier Applications
The DirectPath™ amplifier architecture operates from a single supply but makes use of an internal charge pump
to provide a negative voltage rail. Combining the user provided positive rail and the negative rail generated by
the IC, the device operates in what is effectively a split supply mode. The output voltages are now centered at
zero volts with the capability to swing to the positive rail or negative rail. The DirectPath™ amplifier requires no
output dc blocking capacitors, and does not place any voltage on the sleeve. The bottom block diagram and
waveform of Figure 64 illustrate the ground-referenced headphone architecture. This is the architecture of the
TPA4411.
DC input-blocking capacitors are required to be added in series with the audio signal into the input pins of the
TPA4411 and TPA4411M. These capacitors block the DC portion of the audio source and allow the TPA4411
and TPA4411M inputs to be properly biased to provide maximum performance.
These capacitors form a high-pass filter with the input impedance of the TPA4411 and TPA4411M. The cutoff
frequency is calculated using Equation 3. For this calculation, the capacitance used is the input-blocking
capacitor and the resistance is the input impedance of the TPA4411 or TPA4411M. Because the gains of both
the TPA4411 and TPA4411M are fixed, the input impedance remains a constant value. Using the input
impedance value from the operating characteristics table, the frequency and/or capacitance can be determined
when one of the two values are given.
16
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA4411 TPA4411M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com