Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA4411 Arkusz danych(PDF) 12 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Numer części TPA4411
Szczegółowy opis  80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Strona internetowa  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPA4411 Arkusz danych(HTML) 12 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TPA4411 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
www.ti.com
−120
−100
−80
−60
−40
−20
0
10
100
1 k
10 k
100 k
Left to Right
Right to Left
f − Frequency − Hz
VDD = 3 V,
PO = 20 mW
RL = 16 Ω
−120
−100
−80
−60
−40
−20
0
10
100
1 k
10 k
100 k
Left to Right
Right to Left
f − Frequency − Hz
VDD = 3.6 V,
PO = 1.6 mW
RL = 16 Ω
−120
−100
−80
−60
−40
−20
0
10
100
1 k
10 k
100 k
Left to Right
Right to Left
VDD = 3 V,
PO = 1.6 mW
RL = 16 Ω
f − Frequency − Hz
−120
−100
−80
−60
−40
−20
0
10
100
1 k
10 k
100 k
Left to Right
Right to Left
f − Frequency − Hz
VDD = 3.6 V,
PO = 20 mW
RL = 16 Ω
0
20
40
60
80
100
120
1.8
2.3
2.8
3.3
3.8
4.3
180
° Out of Phase
In Phase
VDD − Supply Voltage − V
THD = 1 %
RL = 16 Ω
0
50
100
150
200
250
1.8
2.3
2.8
3.3
3.8
4.3
180
° Out of Phase
In Phase
VDD − Supply Voltage − V
THD = 10 %
RL = 16 Ω
0
20
40
60
80
100
120
140
160
1.8
2.3
2.8
3.3
3.8
4.3
180
° Out of Phase
In Phase
VDD − Supply Voltage − V
THD = 1 %
RL = 32 Ω
0
50
100
150
200
250
1.8
2.3
2.8
3.3
3.8
4.3
180
° Out of Phase
In Phase
VDD − Supply Voltage − V
THD = 10 %
RL = 32 Ω
VDD − Supply Voltage − V
0
1
2
3
4
5
6
7
8
9
10
0
1
1.5
2
2.5
3
3.5
4
4.5
5
TPA4411
TPA4411M
SLOS430E – AUGUST 2004 – REVISED MARCH 2008
CROSSTALK
CROSSTALK
CROSSTALK
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 43.
Figure 44.
Figure 45.
CROSSTALK
OUTPUT POWER
OUTPUT POWER
vs
vs
vs
FREQUENCY
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 46.
Figure 47.
Figure 48.
OUTPUT POWER
OUTPUT POWER
QUIESCENT SUPPLY CURRENT
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 49.
Figure 50.
Figure 51.
12
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA4411 TPA4411M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com