Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA4411 Arkusz danych(PDF) 17 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Numer części TPA4411
Szczegółowy opis  80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Strona internetowa  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPA4411 Arkusz danych(HTML) 17 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TPA4411 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
www.ti.com
Charge Pump Flying Capacitor and PVSS Capacitor
0.001
0.01
0.1
1
10
100
1 k
10 k
100 k
f − Frequency − Hz
VDD = 3.6 V,
RL = 32 Ω,
PO = 35 mW,
C = 1
µF
C = 2.2
µF
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
VDD = 3.6 V,
RL = 16 Ω,
fIN = 20 HZ
C = 1
µF
PO − Output Power − mW
In Phase
180
° Out of Phase
Single Channel
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 16 Ω,
fIN = 20 Hz
C = 2.2
µF
TPA4411
TPA4411M
SLOS430E – AUGUST 2004 – REVISED MARCH 2008
The charge pump flying capacitor serves to transfer charge during the generation of the negative supply voltage.
The PVSS capacitor must be at least equal to the charge pump capacitor in order to allow maximum charge
transfer. Low ESR capacitors are an ideal selection, and a value of 2.2 µF is typical. Capacitor values that are
smaller than 2.2 µF can be used, but the maximum output power is reduced and the device may not operate to
specifications. Figure 65 through Figure 75 compare the performance of the TPA4411 and TPA4411M with the
recommended 2.2-µF capacitors and 1-µF capacitors.
TOTAL HARMONIC DISTORTION
+ NOISE
vs
FREQUENCY
Figure 65.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 66.
Figure 67.
Copyright © 2004–2008, Texas Instruments Incorporated
17
Product Folder Link(s): TPA4411 TPA4411M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com