Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA4411 Arkusz danych(PDF) 18 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Numer części TPA4411
Szczegółowy opis  80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Strona internetowa  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPA4411 Arkusz danych(HTML) 18 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TPA4411 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
www.ti.com
0.01
0.1
1
10
100
0.001
0.01
0.1
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 16 Ω,
fIN = 1 kHz
C = 2.2
µF
0.01
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
VDD = 3.6 V,
RL = 16 Ω,
fIN = 1 kHZ
C = 1
µF
PO − Output Power − mW
In Phase
180
° Out of Phase
Single Channel
0.01
0.1
1
10
100
0.001
0.01
0.1
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 16 Ω,
fIN = 10 kHz
C = 2.2
µF
0.001
0.01
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
VDD = 3.6 V,
RL = 16 Ω,
fIN = 10 kHZ
C = 1
µF
PO − Output Power − mW
In Phase
180
° Out of Phase
Single Channel
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
VDD = 3.6 V,
RL = 32 Ω,
fIN = 20 HZ
C = 1
µF
PO − Output Power − mW
180
° Out of Phase
Single Channel
In Phase
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 32 Ω,
fIN = 20 Hz
C = 2.2
µF
TPA4411
TPA4411M
SLOS430E – AUGUST 2004 – REVISED MARCH 2008
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 68.
Figure 69.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 70.
Figure 71.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 72.
Figure 73.
18
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA4411 TPA4411M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com