Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 29 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  Programmable Control Law Accelerator
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 29 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 25Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 26Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 27Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 28Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 29Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 30Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 31Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 32Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 213 page
background image
29
TMS320F28379S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881C – AUGUST 2014 – REVISED MAY 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28377S TMS320F28376S TMS320F28375S TMS320F28374S
Terminal Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
TERMINAL
I/O/Z(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
GPIO88
0, 2, 4, 8
C6
170
–
I/O
General-purpose input/output 88
EM1A15
2
O
External memory interface 1 address line 15
EM1DQM0
3
O
External memory interface 1 Input/output mask for byte 0
GPIO89
0, 2, 4, 8
D6
171
96
I/O
General-purpose input/output 89
EM1A16
2
O
External memory interface 1 address line 16
EM1DQM1
3
O
External memory interface 1 Input/output mask for byte 1
SCITXDC
6
O
SCI-C transmit data
GPIO90
0, 2, 4, 8
A5
172
97
I/O
General-purpose input/output 90
EM1A17
2
O
External memory interface 1 address line 17
EM1DQM2
3
O
External memory interface 1 Input/output mask for byte 2
SCIRXDC
6
I
SCI-C receive data
GPIO91
0, 2, 4, 8
B5
173
98
I/O
General-purpose input/output 91
EM1A18
2
O
External memory interface 1 address line 18
EM1DQM3
3
O
External memory interface 1 Input/output mask for byte 3
SDAA
6
I/OD
I2C-A data open-drain bidirectional port
GPIO92
0, 2, 4, 8
A4
174
99
I/O
General-purpose input/output 92
EM1A19
2
O
External memory interface 1 address line 19
EM1BA1
3
O
External memory interface 1 bank address 1
SCLA
6
I/OD
I2C-A clock open-drain bidirectional port
GPIO93
0, 2, 4, 8
B4
175
–
I/O
General-purpose input/output 93
EM1BA0
3
O
External memory interface 1 bank address 0
SCITXDD
6
O
SCI-D transmit data
GPIO94
0, 2, 4, 8
A3
176
–
I/O
General-purpose input/output 94
SCIRXDD
6
I
SCI-D receive data
GPIO95
0, 2, 4, 8
B3
–
–
I/O
General-purpose input/output 95
GPIO96
0, 2, 4, 8
C3
–
–
I/O
General-purpose input/output 96
EM2DQM1
3
O
External memory interface 2 Input/output mask for byte 1
EQEP1A
5
I
Enhanced QEP1 input A
GPIO97
0, 2, 4, 8
A2
–
–
I/O
General-purpose input/output 97
EM2DQM0
3
O
External memory interface 2 Input/output mask for byte 0
EQEP1B
5
I
Enhanced QEP1 input B
GPIO98
0, 2, 4, 8
F1
–
–
I/O
General-purpose input/output 98
EM2A0
3
O
External memory interface 2 address line 0
EQEP1S
5
I/O
Enhanced QEP1 strobe
GPIO99
0, 2, 4, 8
G1
17
14
I/O
General-purpose input/output 99
EM2A1
3
O
External memory interface 2 address line 1
EQEP1I
5
I/O
Enhanced QEP1 index
GPIO100
0, 4, 8, 12
H1
–
–
I/O
General-purpose input/output 100
EM2A2
3
O
External memory interface 2 address line 2
EQEP2A
5
I
Enhanced QEP2 input A
SPISIMOC
6
I/O
SPI-C slave in, master out
GPIO101
0, 4, 8, 12
H2
–
–
I/O
General-purpose input/output 101
EM2A3
3
O
External memory interface 2 address line 3
EQEP2B
5
I
Enhanced QEP2 input B
SPISOMIC
6
I/O
SPI-C slave out, master in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com