Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 49 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  Programmable Control Law Accelerator
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 49 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 45Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 46Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 47Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 48Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 49Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 50Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 51Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 52Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 213 page
background image
49
TMS320F28379S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881C – AUGUST 2014 – REVISED MAY 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28377S TMS320F28376S TMS320F28375S TMS320F28374S
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
IDDIO current is dependent on the electrical loading on the I/O pins.
(2)
TYP: Vnom, 30°C
(3)
MAX: Vmax, 125°C
(4)
The following is executed in a loop on CPU1:
•
All of the communication peripherals are exercised in loop-back mode: CAN-A to CAN-B; SPI-A to SPI-C; SCI-A to SCI-D; I2C-A to
I2C-B; McBSP-A to McBSP-B; USB
•
SDFM1 to SDFM4 active
•
ePWM1 to ePWM12 generate 400-kHz PWM output on 24 pins
•
CPU TIMERs active
•
DMA does 32-bit burst transfers
•
CLA1 does multiply-accumulate tasks
•
All ADCs perform continuous conversion
•
All DACs ramp voltage up/down at 150 kHz
•
CMPSS1 to CMPSS8 active
•
VCU does complex multiply/accumulate with parallel load
•
TMU calculates a cosine
•
FPU does multiply/accumulate with parallel load
5.4
Power Consumption Summary
Current values listed in this section are representative for the test conditions given and not the absolute
maximum possible. The actual device currents in an application will vary with application code and pin
configurations. Table 5-1 shows the device current consumption at 200-MHz SYSCLK.
Table 5-1. Device Current Consumption at 200-MHz SYSCLK
MODE
TEST CONDITIONS
IDD
IDDIO
(1)
IDDA
IDD3VFL
TYP(2)
MAX(3)
TYP(2)
MAX(3)
TYP(2)
MAX(3)
TYP(2)
MAX(3)
Operational
(RAM)
•
Code is running out of RAM.(4)
•
All I/O pins are left unconnected.
•
Peripherals not active have their
clocks disabled.
•
FLASH is read and in active state.
•
XCLKOUT is enabled at SYSCLK/4.
245 mA
360 mA
30 mA
13 mA
20 mA
33 mA
40 mA
IDLE
•
CPU1 is in IDLE mode.
•
Flash is powered down.
•
XCLKOUT is turned off.
80 mA
185 mA
3 mA
10 mA
10 µA
150 µA
10 µA
150 µA
STANDBY
•
CPU1 is in STANDBY mode.
•
Flash is powered down.
•
XCLKOUT is turned off.
30 mA
135 mA
3 mA
10 mA
5 µA
150 µA
10 µA
150 µA
HALT
•
CPU1 watchdog is running.
•
Flash is powered down.
•
XCLKOUT is turned off.
1.5 mA
110 mA
750 µA
2 mA
5 µA
150 µA
10 µA
150 µA
HIBERNATE
•
CPU1.M0 and CPU1.M1 RAMs are in
low-power data retention mode.
300 µA
4 mA
750 µA
2 mA
5 µA
75 µA
1 µA
50 µA
Flash
Erase/Program
•
CPU1 is running from RAM.
•
All I/O pins are left unconnected.
•
Peripheral clocks are disabled.
•
CPU1 is performing Flash Erase and
Programming.
•
XCLKOUT is turned off.
154 mA
230 mA
3 mA
10 mA
10 µA
150 µA
45 mA
55 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com