Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 33 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  Programmable Control Law Accelerator
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 33 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 29Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 30Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 31Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 32Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 33Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 34Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 35Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 36Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 213 page
background image
33
TMS320F28379S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881C – AUGUST 2014 – REVISED MAY 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28377S TMS320F28376S TMS320F28375S TMS320F28374S
Terminal Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
TERMINAL
I/O/Z(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
GPIO156
0, 4, 8, 12
D12
–
–
I/O
General-purpose input/output 156
EPWM6B
1
O
Enhanced PWM6 output B (HRPWM-capable)
GPIO157
0, 4, 8, 12
B10
–
–
I/O
General-purpose input/output 157
EPWM7A
1
O
Enhanced PWM7 output A (HRPWM-capable)
GPIO158
0, 4, 8, 12
C10
–
–
I/O
General-purpose input/output 158
EPWM7B
1
O
Enhanced PWM7 output B (HRPWM-capable)
GPIO159
0, 4, 8, 12
D10
–
–
I/O
General-purpose input/output 159
EPWM8A
1
O
Enhanced PWM8 output A (HRPWM-capable)
GPIO160
0, 4, 8, 12
B9
–
–
I/O
General-purpose input/output 160
EPWM8B
1
O
Enhanced PWM8 output B (HRPWM-capable)
GPIO161
0, 4, 8, 12
C9
–
–
I/O
General-purpose input/output 161
EPWM9A
1
O
Enhanced PWM9 output A
GPIO162
0, 4, 8, 12
D9
–
–
I/O
General-purpose input/output 162
EPWM9B
1
O
Enhanced PWM9 output B
GPIO163
0, 4, 8, 12
A8
–
–
I/O
General-purpose input/output 163
EPWM10A
1
O
Enhanced PWM10 output A
GPIO164
0, 4, 8, 12
B8
–
–
I/O
General-purpose input/output 164
EPWM10B
1
O
Enhanced PWM10 output B
GPIO165
0, 4, 8, 12
C5
–
–
I/O
General-purpose input/output 165
EPWM11A
1
O
Enhanced PWM11 output A
GPIO166
0, 4, 8, 12
D5
–
–
I/O
General-purpose input/output 166
EPWM11B
1
O
Enhanced PWM11 output B
GPIO167
0, 4, 8, 12
C4
–
–
I/O
General-purpose input/output 167
EPWM12A
1
O
Enhanced PWM12 output A
GPIO168
0, 4, 8, 12
D4
–
–
I/O
General-purpose input/output 168
EPWM12B
1
O
Enhanced PWM12 output B
RESET
XRS
F19
124
69
I/OD
Device Reset (in) and Watchdog Reset (out). The
devices have a built-in power-on reset (POR) circuit.
During a power-on condition, this pin is driven low by the
device. An external circuit may also drive this pin to
assert a device reset. This pin is also driven low by the
MCU when a watchdog reset or NMI watchdog reset
occurs. During watchdog reset, the XRS pin is driven low
for the watchdog reset duration of 512 OSCCLK cycles.
A resistor with a value from 2.2 k
Ω to 10 kΩ should be
placed between XRS and VDDIO. If a capacitor is placed
between XRS and VSS for noise filtering, it should be
100 nF or smaller. These values will allow the watchdog
to properly drive the XRS pin to VOL within 512 OSCCLK
cycles when the watchdog reset is asserted. The output
buffer of this pin is an open drain with an internal pullup.
CLOCKS
X1
G19
123
68
I
On-chip crystal-oscillator input. To use this oscillator, a
quartz crystal must be connected across X1 and X2. If
this pin is not used, it must be tied to GND.
This pin can also be used to feed a single-ended 3.3-V
level clock. In this case, X2 is a No Connect (NC).
X2
J19
121
66
O
On-chip crystal-oscillator output. A quartz crystal may be
connected across X1 and X2. If X2 is not used, it must
be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com