Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 63 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  Programmable Control Law Accelerator
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 63 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 59Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 60Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 61Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 62Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 63Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 64Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 65Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 66Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 213 page
background image
X1
X2
CRYSTAL
X1
X2
X1
X2
3.3V
OUT
VDD
GND
CLK
R
D
C
L2
C
L1
RESONATOR
3.3V OSCILLATOR
NC
v
ssosc
GPIO133/AUXCLKIN
3.3V
OUT
VDD
GND
CLK
3.3V OSCILLATOR
v
ssosc
v
ssosc
63
TMS320F28379S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881C – AUGUST 2014 – REVISED MAY 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28377S TMS320F28376S TMS320F28375S TMS320F28374S
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
5.7.3.3
Input Clocks and PLLs
In addition to the internal 0-pin oscillators, multiple external clock source options are available. Figure 5-8
shows the recommended methods of connecting crystals, resonators, and oscillators to pins X1/X2 (also
referred to as XTAL) and AUXCLKIN.
Figure 5-8. Connecting Input Clocks to a 2837xS Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com