Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 52 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  Programmable Control Law Accelerator
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 52 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 48Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 49Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 50Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 51Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 52Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 53Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 54Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 55Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 213 page
background image
52
TMS320F28379S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
SPRS881C – AUGUST 2014 – REVISED MAY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28377S TMS320F28376S TMS320F28375S TMS320F28374S
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
5.4.2
Reducing Current Consumption
The F2837xS devices provide some methods to reduce the device current consumption:
•
Any one of the four low-power modes—IDLE, STANDBY, HALT, and HIBERNATE—could be entered
during idle periods in the application.
•
The flash module may be powered down if the code is run from RAM.
•
Disable the pullups on pins that assume an output function.
•
Each peripheral has an individual clock-enable bit (PCLKCRx). Reduced current consumption may be
achieved by turning off the clock to any peripheral that is not used in a given application. Table 5-2
indicates the typical current reduction that may be achieved by disabling the clocks using the
PCLKCRx register.
(1)
At Vmax and 125°C.
(2)
All peripherals are disabled upon reset. Use the PCLKCRx register
to individually enable peripherals. For peripherals with multiple
instances, the current quoted is for a single module.
(3)
This number represents the current drawn by the digital portion of
the ADC, CMPSS, and DAC modules.
(4)
The ePWM is at /2 of SYSCLK.
Table 5-2. Current on VDD Supply by Various
Peripherals (at 200 MHz)(1)
PERIPHERAL
MODULE(2)
IDD CURRENT
REDUCTION (mA)
ADC(3)
3.3
CAN
3.3
CLA
1.4
CMPSS(3)
1.4
CPUTIMER
0.3
DAC(3)
0.6
DMA
2.9
eCAP
0.6
EMIF1
2.9
EMIF2
2.6
ePWM1 to ePWM4(4)
4.5
ePWM5 to ePWM12(4)
1.7
HRPWM(4)
1.7
I2C
1.3
McBSP
1.6
SCI
0.9
SDFM
2
SPI
0.5
uPP
7.3
USB and AUXPLL at 60 MHz
23.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com