Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  Programmable Control Law Accelerator
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 2Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 3Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 4Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 5Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 6Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 7Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 8Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 9Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 213 page
background image
6
TMS320F28379S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
SPRS881C – AUGUST 2014 – REVISED MAY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28377S TMS320F28376S TMS320F28375S TMS320F28374S
Revision History
Copyright © 2014–2016, Texas Instruments Incorporated
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from October 22, 2015 to May 6, 2016 (from B Revision (October 2015) to C Revision)
Page
•
Global: Restructured document.
................................................................................................... 1
•
Section 1.3 (Description): Removed paragraph about Configurable Logic Block (CLB).
................................... 2
•
Table 3-1 (Device Comparison): TMS320F28375SPZP is available in the Q temperature range.
....................... 7
•
Section 3.1 (Related Products): Added section.
................................................................................. 9
•
Table 4-1 (Signal Descriptions): Updated DESCRIPTION of VREFHIA, VREFHIB, VREFHIC, VREFHID, and VDDA. ............ 16
•
Figure 5-7 (Clocking System): Changed figure title from "Device Clocking" to "Clocking System."
..................... 60
•
Table 5-19 (Flash Wait States): Changed title from "Minimum Required Flash Wait States at Different
Frequencies" to "Flash Wait States." Updated table.
........................................................................... 66
•
Section 5.7.5.1 (JTAG Electrical Data and Timing): Added section.
........................................................ 70
•
Table 5-39 (EMIF Asynchronous Memory Timing Requirements): Parameter 14 [tsu(EMOEL-EMWAIT)]: Changed MIN
value from 4E to 4E+20.
............................................................................................................ 85
•
Table 5-39: Parameter 28 [tsu(EMWEL-EMWAIT)]: Changed MIN value from 4E to 4E+20. ..................................... 85
•
Table 5-40 (EMIF Asynchronous Memory Switching Characteristics): Parameter 11 [td(EMWAITH-EMOEH)]: Changed
MIN value from 3E+8 to 4E+10. Changed MAX value from 4E+10 to 5E+15.
.............................................. 85
•
Table 5-40: Parameter 25 [td(EMWAITH-EMWEH)]: Changed MIN value from 3E+8 to 4E+10. Changed MAX value
from 4E+10 to 5E+15.
.............................................................................................................. 85
•
Section 5.9.4 (High-Resolution Pulse Width Modulator (HRPWM)): Removed NOTE about dual-edge high-
resolution being enabled.
........................................................................................................ 129
•
Figure 5-67 (SPI CPU Interface): Changed figure title from "SPI" to "SPI CPU Interface."
............................. 151
•
Table 5-80 (SPI Master Mode External Timings Where (SPIBRR + 1) is Odd and SPIBRR > 3): Parameter 2
[tw(SPCH)M, clock polarity = 0]: Updated MIN value and MAX value. ......................................................... 154
•
Table 5-80: Parameter 3 [tw(SPCL)M, clock polarity = 0]: Updated MIN value and MAX value. ........................... 154
•
Table 5-82 (SPI Master Mode External Timings Where (SPIBRR + 1) is Odd or SPIBRR > 3): Parameter 2
[tw(SPCL)M, clock polarity = 1]: Updated MIN value and MAX value. ......................................................... 157
•
Table 5-82: Parameter 3 [tw(SPCH)M, clock polarity = 1]: Updated MIN value and MAX value. .......................... 157
•
Table 5-86 (High-Speed SPI Master Mode External Timings Where (SPIBRR + 1) is Odd and SPIBRR > 3):
Parameter 2 [tw(SPCH)M, clock polarity = 0]: Updated MIN value and MAX value. ......................................... 162
•
Table 5-86: Parameter 3 [tw(SPCL)M, clock polarity = 0]: Updated MIN value and MAX value. ........................... 162
•
Table 5-88 (High-Speed SPI Master Mode External Timings Where (SPIBRR + 1) is Odd or SPIBRR > 3):
Parameter 2 [tw(SPCL)M, clock polarity = 1]: Updated MIN value and MAX value. ......................................... 165
•
Table 5-88: Parameter 3 [tw(SPCH)M, clock polarity = 1]: Updated MIN value and MAX value. .......................... 165
•
Section 6.1 (Overview): Removed paragraph about Configurable Logic Block (CLB).
.................................. 176
•
Table 6-5 (Peripheral Registers Memory Map): Added PROTECTED column and associated footnote.
............. 181
•
Table 6-8 (Device Identification Registers): Added UID_UNIQUE.
........................................................ 186
•
Section 6.14 (Configurable Logic Block (CLB)): Updated section.
......................................................... 197
•
Section 7.1 (TI Design or Reference Design): Added section.
.............................................................. 198
•
Section 8 (Device and Documentation Support): Updated and restructured section.
................................... 199
•
Section 8.2 (Tools and Software): Added section.
........................................................................... 200
•
Section 8.3 (Documentation Support): Updated section.
.................................................................... 202
•
Section 9.1 (Packaging Information): Updated section.
...................................................................... 204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com