Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  Programmable Control Law Accelerator
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 1 Page - Texas Instruments

  TMS320F28374SPZP Datasheet HTML 1Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 2Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 3Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 4Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 5Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 6Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 7Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 8Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 213 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMS320F28379S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
SPRS881C – AUGUST 2014 – REVISED MAY 2016
TMS320F2837xS Delfino™ Microcontrollers
1
Device Overview
1
1.1
Features
1
• TMS320C28x 32-Bit CPU
– 200 MHz
– IEEE 754 Single-Precision Floating-Point Unit
(FPU)
– Trigonometric Math Unit (TMU)
– Viterbi/Complex Math Unit (VCU-II)
• Programmable Control Law Accelerator (CLA)
– 200 MHz
– IEEE 754 Single-Precision Floating-Point
Instructions
– Executes Code Independently of Main CPU
• On-Chip Memory
– 512KB (256KW) or 1MB (512KW) of Flash
(ECC-Protected)
– 132KB (66KW) or 164KB (82KW) of RAM
(ECC-Protected or Parity-Protected)
– Dual-Zone Security Supporting Third-Party
Development
• Clock and System Control
– Two Internal Zero-Pin 10-MHz Oscillators
– On-Chip Crystal Oscillator
– Windowed Watchdog Timer Module
– Missing Clock Detection Circuitry
• 1.2-V Core, 3.3-V I/O Design
• System Peripherals
– Two External Memory Interfaces (EMIFs) With
ASRAM and SDRAM Support
– 6-Channel Direct Memory Access (DMA)
Controller
– Up to 169 Individually Programmable,
Multiplexed General-Purpose Input/Output
(GPIO) Pins With Input Filtering
– Expanded Peripheral Interrupt Controller (ePIE)
– Multiple Low-Power Mode (LPM) Support With
External Wakeup
• Communications Peripherals
– USB 2.0 (MAC + PHY)
– Support for 12-Pin 3.3 V-Compatible Universal
Parallel Port (uPP) Interface
– Two Controller Area Network (CAN) Modules
(Pin-Bootable)
– Three High-Speed (up to 50-MHz) SPI Ports
(Pin-Bootable)
– Two Multichannel Buffered Serial Ports
(McBSPs)
– Four Serial Communications Interfaces
(SCI/UART) (Pin-Bootable)
– Two I2C Interfaces (Pin-Bootable)
• Analog Subsystem
– Up to Four Analog-to-Digital Converters (ADCs)
•
16-Bit Mode
–
1.1 MSPS Each (up to 4.4-MSPS System
Throughput)
–
Differential Inputs
–
Up to 12 External Channels
•
12-Bit Mode
–
3.5 MSPS Each (up to 14-MSPS System
Throughput)
–
Single-Ended Inputs
–
Up to 24 External Channels
•
Single Sample-and-Hold (S/H) on Each ADC
•
Hardware-Integrated Post-Processing of
ADC Conversions
–
Saturating Offset Calibration
–
Error From Setpoint Calculation
–
High, Low, and Zero-Crossing Compare,
With Interrupt Capability
–
Trigger-to-Sample Delay Capture
– Eight Windowed Comparators With 12-Bit
Digital-to-Analog Converter (DAC) References
– Three 12-Bit Buffered DAC Outputs
• Enhanced Control Peripherals
– 24 PWM Channels With Enhanced Features
– 16 High-Resolution Pulse Width Modulator
(HRPWM) Channels
•
High Resolution on Both A and B Channels
of 8 PWM Modules
•
Dead-Band Support (on Both Standard and
High Resolution)
– Six Enhanced Capture (eCAP) Modules
– Three Enhanced Quadrature Encoder Pulse
(eQEP) Modules
– Eight Sigma-Delta Filter Module (SDFM) Input
Channels, 2 Parallel Filters per Channel
•
Standard SDFM Data Filtering
•
Comparator Filter for Fast Action for Out of
Range


Podobny numer części - TMS320F28374SPZP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320F28374SPZP TI-TMS320F28374SPZP Datasheet
3Mb / 229P
TMS320F2837xS Microcontrollers
TMS320F28374SPZP TI-TMS320F28374SPZP Datasheet
5Mb / 225P
TMS320F2837xS Microcontrollers
TMS320F28374SPZPS TI1-TMS320F28374SPZPS Datasheet
2Mb / 209P
Microcontrollers
TMS320F28374SPZPS TI1-TMS320F28374SPZPS Datasheet
2Mb / 213P
Delfino Microcontrollers
TMS320F28374SPZPS TI1-TMS320F28374SPZPS Datasheet
2Mb / 220P
Delfino Microcontrollers
More results

Podobny opis - TMS320F28374SPZP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA6138 ROHM-BA6138 Datasheet
106Kb / 4P
Square-law compression amplifiers
logo
List of Unclassifed Man...
TGUI9440 ETC1-TGUI9440 Datasheet
601Kb / 4P
GUI Accelerator
TGUI9440-3 ETC1-TGUI9440-3 Datasheet
513Kb / 3P
GUI Accelerator
logo
Texas Instruments
TCM2911A TI-TCM2911A Datasheet
165Kb / 2P
PCM A-law codec
logo
List of Unclassifed Man...
TVG9470 ETC2-TVG9470 Datasheet
498Kb / 4P
TV Accelerator
logo
Communications & Power ...
VWP1133 CPI-VWP1133 Datasheet
124Kb / 1P
Accelerator
logo
Silicon Laboratories
SI3050 SILABS-SI3050 Datasheet
1Mb / 112P
PCM highway data interface law A-law companding SPI control interface GCl interface
logo
Linear Technology
LTC1694 LINER-LTC1694_15 Datasheet
191Kb / 8P
SMBus/IC Accelerator
logo
Device Engineering Inco...
DEI1090 DEIAZ-DEI1090 Datasheet
321Kb / 13P
LED Driver with Square-Law Dimming Control
logo
Silicom Ltd.
PE310G4FA2I71 SILICOM-PE310G4FA2I71 Datasheet
572Kb / 3P
Programmable Application Accelerator SDI 40/10 Gigabit Servers Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com