Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  Programmable Control Law Accelerator
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 3Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 4Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 5Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 6Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 7Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 8Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 9Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 10Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 213 page
background image
7
TMS320F28379S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881C – AUGUST 2014 – REVISED MAY 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28377S TMS320F28376S TMS320F28375S TMS320F28374S
Device Comparison
Copyright © 2014–2016, Texas Instruments Incorporated
3
Device Comparison
Table 3-1 lists the features of each 2837xS device.
Table 3-1. Device Comparison
FEATURE
(1)
28379S
28377S
28376S
28375S
28374S
Package Type
(ZWT is an nFBGA package.
PTP is an HLQFP package.
PZP is an HTQFP package.)
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
Processor and Accelerators
C28x
Number
1
Frequency (MHz)
200
Floating-Point Unit (FPU)
Yes
VCU-II
Yes
TMU – Type 0
Yes
CLA – Type 1
Number
1
Frequency (MHz)
200
6-Channel DMA – Type 0
1
Memory
Flash (16-bit words)
1MB (512KW)
1MB (512KW)
512KB (256KW)
1MB (512KW)
512KB (256KW)
RAM
(16-bit words)
Dedicated and Local
Shared RAM
36KB (18KW)
Global Shared RAM
128KB (64KW)
128KB (64KW)
96KB (48KW)
128KB (64KW)
96KB (48KW)
Total RAM
164KB (82KW)
164KB (82KW)
132KB (66KW)
164KB (82KW)
132KB (66KW)
Code security for on-chip flash, RAM, and
OTP blocks
Yes
Boot ROM
Yes
System
Configurable Logic Block (CLB)
Yes
No
32-bit CPU timers
3
Watchdog timers
1
Nonmaskable Interrupt Watchdog (NMIWD)
timers
1
Crystal oscillator/External clock input
1
0-pin internal oscillator
2
I/O pins (shared) GPIO
169
97
41
169
97
41
169
97
41
169
97
41
169
97
41
External interrupts
5
EMIF
EMIF1 (16-bit or 32-bit)
1
–
1
–
1
–
1
–
1
–
EMIF2 (16-bit)
1
–
–
1
–
–
1
–
–
1
–
–
1
–
–
Analog Peripherals
ADC 16-bit mode
MSPS
1.1
–
Conversion Time (ns)
(2)
915
–
Input pins
24
20
14
24
20
14
24
20
14
–
Channels (differential)
12
9
7
12
9
7
12
9
7
–
ADC 12-bit mode
MSPS
3.5
Conversion Time (ns)
(2)
290
Input pins
24
20
14
24
20
14
24
20
14
24
20
14
24
20
14
Channels
(single-ended)
24
20
14
24
20
14
24
20
14
24
20
14
24
20
14
Number of 16-bit or 12-bit ADCs
4
2
4
2
4
2
–
Number of 12-bit only ADCs
–
4
2
4
2
Temperature sensor
1
CMPSS (each CMPSS has two comparators
and two internal DACs)
8
4
8
4
8
4
8
4
8
4
Buffered DAC
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com