Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83849IFVS/NOPB Arkusz danych(PDF) 15 Page - Texas Instruments

Numer części DP83849IFVS/NOPB
Szczegółowy opis  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB Arkusz danych(HTML) 15 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 11Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 12Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 13Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 14Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 15Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 16Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 17Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 18Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
4.4
DC Specifications
Pin
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Types
VIH
I
Input High Voltage
Nominal VCC
2
V
I/O
VIL
I
Input Low Voltage
0.8
V
I/O
IIH
I
Input High Current
VIN = VCC
10
µA
I/O
IIL
I
Input Low Current
VIN = GND
10
µA
I/O
VOL
O,
Output Low
IOL = 4 mA
0.4
V
I/O
Voltage
VOH
O,
Output High
IOH = -4 mA
VCC - 0.5
V
I/O
Voltage
IOZ
I/O,
TRI-STATE
VOUT = VCC
±10
µA
O
Leakage
VTPTD_100
PMD Output
100M Transmit Voltage
0.95
1
1.05
V
Pair
VTPTDsym
PMD Output
100M Transmit Voltage Symmetry
±2
%
Pair
VTPTD_10
PMD Output
10M Transmit Voltage
2.2
2.5
2.8
V
Pair
VFXTD_100
PMD Output
FX100M Transmit Voltage
0.3
0.5
0.93
V
Pair
CIN1
I
CMOS Input
8
pF
Capacitance
COUT1
O
CMOS Output
8
pF
Capacitance
SDTHon
PMD Input
100BASE-TX
mV diff
1000
Pair
pk-pk
Signal detect turn-on threshold
SDTHoff
PMD Input
100BASE-TX
mV diff
200
Pair
pk-pk
Signal detect turn-off threshold
VTH1
PMD Input
10BASE-T Receive Threshold
585
mV
Pair
Idd100
Supply
100BASE-TX
180
mA
(Full Duplex)
Idd10
Supply
10BASE-T
180
mA
(Full Duplex)
Idd
Supply
Power Down Mode
CLK2MAC disabled
9.5
mA
Copyright © 2009–2013, Texas Instruments Incorporated
Electrical Specifications
15
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com