Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83849IFVS/NOPB Arkusz danych(PDF) 82 Page - Texas Instruments

Numer części DP83849IFVS/NOPB
Szczegółowy opis  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB Arkusz danych(HTML) 82 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 78Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 79Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 80Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 81Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 82Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 83Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 84Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 85Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
Table 10-12. PHY Status Register (PHYSTS), address 10h (continued)
Bit
Bit Name
Default
Description
5
JABBER DETECT
0, RO
Jabber Detect: This bit only has meaning in 10 Mb/s mode.
This bit is a duplicate of the Jabber Detect bit in the BMSR register, except that
it is not cleared upon a read of the PHYSTS register.
1 = Jabber condition detected.
0 = No Jabber.
4
AUTO-NEG COMPLETE
0, RO
Auto-Negotiation Complete:
1 = Auto-Negotiation complete.
0 = Auto-Negotiation not complete.
3
LOOPBACK STATUS
0, RO
Loopback:
1 = Loopback enabled.
0 = Normal operation.
2
DUPLEX STATUS
0, RO
Duplex:
This bit indicates duplex status and is determined from Auto-Negotiation or
Forced Modes(1).
1 = Full duplex mode.
0 = Half duplex mode.
1
SPEED STATUS
0, RO
Speed10:
This bit indicates the status of the speed and is determined from Auto-
Negotiation or Forced Modes(1).
1 = 10 Mb/s mode.
0 = 100 Mb/s mode.
0
LINK STATUS
0, RO
Link Status:
This bit is a duplicate of the Link Status bit in the BMSR register, except that it
will not be cleared upon a read of the PHYSTS register.
1 = Valid link established (for either 10 or 100 Mb/s operation).
0 = Link not established.
(1)
This bit is only valid if Auto-Negotiation is enabled and complete and there is a valid link or if Auto-Negotiation is disabled and there is a
valid link.
10.1.11
MII Interrupt Control Register (MICR)
This register implements the MII Interrupt PHY Specific Control register. Sources for interrupt generation
include: Energy Detect State Change, Link State Change, Speed Status Change, Duplex Status Change,
Auto-Negotiation Complete or any of the counters becoming half-full. The individual interrupt events must
be enabled by setting bits in the MII Interrupt Status and Event Control Register (MISR).
Table 10-13. MII Interrupt Control Register (MICR), address 11h
Bit
Bit Name
Default
Description
15:3
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
2
TINT
0, RW
Test Interrupt:
Forces the PHY to generate an interrupt to facilitate interrupt testing. Interrupts will
continue to be generated as long as this bit remains set.
1 = Generate an interrupt.
0 = Do not generate interrupt.
1
INTEN
0, RW
Interrupt Enable:
Enable interrupt dependent on the event enables in the MISR register.
1 = Enable event based interrupts.
0 = Disable event based interrupts.
0
INT_OE
0, RW
Interrupt Output Enable:
Enable interrupt events to signal via the PWRDOWN_INT pin by configuring the
PWRDOWN_INT pin as an output.
1 = PWRDOWN_INT is an Interrupt Output.
0 = PWRDOWN_INT is a Power Down Input.
82
Register Block
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com