Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83849IFVS/NOPB Arkusz danych(PDF) 64 Page - Texas Instruments

Numer części DP83849IFVS/NOPB
Szczegółowy opis  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB Arkusz danych(HTML) 64 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 60Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 61Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 62Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 63Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 64Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 65Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 66Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 67Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
Example: To generate an interrupt on a change of link status or on a change of energy detect power state,
the steps would be:
•
Write 0003h to MICR to set INTEN and INT_OE
•
Write 0060h to MISR to set ED_INT_EN and LINK_INT_EN
•
Monitor PWRDOWN_INT pin
When PWRDOWN_INT pin asserts low, the user would read the MISR register to see if the ED_INT or
LINK_INT bits are set, i.e. which source caused the interrupt. After reading the MISR, the interrupt bits
should clear and the PWRDOWN_INT pin will deassert.
8.7
ENERGY DETECT MODE
When Energy Detect is enabled and there is no activity on the cable, the DP83849IF will remain in a low
power mode while monitoring the transmission line. Activity on the line will cause the DP83849IF to go
through a normal power up sequence. Regardless of cable activity, the DP83849IF will occasionally wake
up the transmitter to put ED pulses on the line, but will otherwise draw as little power as possible. Energy
detect functionality is controlled via register Energy Detect Control (EDCR), address 1Dh.
8.8
LINK DIAGNOSTIC CAPABILITIES
The DP83849IF contains several system diagnostic capabilities for evaluating link quality and detecting
potential cabling faults in Twisted Pair cabling. Software configuration is available through the Link
Diagnostics Registers - Page 2 which can be selected via Page Select Register (PAGESEL), address 13h.
These capabilities include:
•
Linked Cable Status
•
Link Quality Monitor
•
TDR (Time Domain Reflectometry) Cable Diagnostics
8.8.1
Linked Cable Status
In an active connection with a valid link status, the following diagnostic capabilities are available:
•
Polarity reversal
•
Cable swap (MDI vs MDIX) detection
•
100Mb Cable Length Estimation
•
Frequency offset relative to link partner
•
Cable Signal Quality Estimation
8.8.1.1
Polarity Reversal
The DP83849IF detects polarity reversal by detecting negative link pulses. The Polarity indication is
available in bit 12 of the PHYSTS (10h) or bit 4 of the 10BTSCR (1Ah). Inverted polarity indicates the
positive and negative conductors in the receive pair are swapped. Since polarity is corrected by the
receiver, this does not necessarily indicate a functional problem in the cable.
Since the polarity indication is dependent on link pulses from the link partner, polarity indication is only
valid in 10Mb modes of operation, or in 100Mb Auto-Negotiated mode. Polarity indication is not available
in 100Mb forced mode of operation or in a parallel detected 100Mb mode.
8.8.1.2
Cable Swap Indication
As part of Auto-Negotiation, the DP83849IF has the ability (using Auto-MDIX) to automatically detect a
cable with swapped MDI pairs and select the appropriate pairs for transmitting and receiving data. Normal
operation is termed MDI, while crossed operation is MDIX. The MDIX status can be read from bit 14 of the
PHYSTS (10h).
64
Design Guidelines
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More