Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83849IFVS/NOPB Arkusz danych(PDF) 85 Page - Texas Instruments

Numer części DP83849IFVS/NOPB
Szczegółowy opis  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB Arkusz danych(HTML) 85 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 81Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 82Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 83Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 84Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 85Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 86Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 87Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 88Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
10.2.3
100 Mb/s PCS Configuration and Status Register (PCSR)
This register contains control and status information for the 100BASE Physical Coding Sublayer.
Table 10-18. 100 Mb/s PCS Configuration and Status Register (PCSR), address 16h
Bit
Bit Name
Default
Description
15:12
RESERVED
<00>, RO
RESERVED: Writes ignored, read as 0.
11
FREE_CLK
0, RW
Receive Clock:
1 = RX_CLK is free-running.
0 = RX_CLK phase adjusted based on alignment.
10
TQ_EN
0, RW
100Mbs True Quiet Mode Enable:
1 = Transmit True Quiet Mode.
0 = Normal Transmit Mode.
9
SD FORCE PMA
0, RW
Signal Detect Force PMA:
1 = Forces Signal Detection in PMA.
0 = Normal SD operation.
8
SD_OPTION
1, RW
Signal Detect Option:
1 = Default operation. Link will be asserted following detection of valid signal level
and Descrambler Lock. Link will be maintained as long as signal level is valid. A loss
of Descrambler Lock will not cause Link Status to drop.
0 = Modified signal detect algorithm. Link will be asserted following detection of valid
signal level and Descrambler Lock. Link will be maintained as long as signal level is
valid and Descrambler remains locked.
7
DESC_TIME
0, RW
Descrambler Timeout:
Increase the descrambler timeout. When set this should allow the device to receive
larger packets (>9k bytes) without loss of synchronization.
1 = 2ms.
0 = 722us (per ANSI X3.263: 1995 (TP-PMD) 7.2.3.3e).
6
FX_EN
Strap, RW
FX Fiber Mode Enable:
This bit is set when the FX_EN strap option is selected (pulled high) for the
respective port.
1 = Enables FX operation.
0 = Disables FX operation.
5
FORCE_100_OK
0, RW
Force 100 Mb/s Good Link:
1 = Forces 100 Mb/s Good Link.
0 = Normal 100 Mb/s operation.
4
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
3
FEFI_EN
Strap, RW
Far End Fault Indication Mode Enable:
This bit is set when the FX_EN strap option is selected for the respective port.
1 = FEFI Mode Enabled.
0 = FEFI Mode Disabled.
2
NRZI_BYPASS
0, RW
NRZI Bypass Enable:
1 = NRZI Bypass Enabled.
0 = NRZI Bypass Disabled.
1
SCRAM
Strap, RW
Scrambler Bypass Enable:
BYPASS
This bit is set when the FX_EN strap option is selected for the respective port. In the
FX mode, the scrambler is bypassed.
1 = Scrambler Bypass Enabled.
0 = Scrambler Bypass Disabled.
0
DESCRAM
Strap, RW
Descrambler Bypass Enable:
BYPASS
This bit is set when the FX_EN strap option is selected for the respective port. In the
FX mode, the descrambler is bypassed.
1 = Descrambler Bypass Enabled.
0 = Descrambler Bypass Disabled.
Copyright © 2009–2013, Texas Instruments Incorporated
Register Block
85
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com