Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83849IFVS/NOPB Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części DP83849IFVS/NOPB
Szczegółowy opis  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 5Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 6Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 7Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 8Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 9Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 10Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 11Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 12Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
3.3
SERIAL MANAGEMENT INTERFACE
Signal Name
Type
Pin #
Description
MDC
I
67
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO management data input/output
serial interface which may be asynchronous to transmit and receive clocks. The maximum clock
rate is 25 MHz with no minimum clock rate.
MDIO
I/O
66
MANAGEMENT DATA I/O: Bi-directional management instruction/data signal that may be
sourced by the station management entity or the PHY. This pin requires a 1.5 k
Ω pullup resistor.
3.4
MAC DATA INTERFACE
Signal Name
Type
Pin #
Description
TX_CLK_A
O
12
MII TRANSMIT CLOCK: 25 MHz Transmit clock output in 100 Mb/s mode or 2.5 MHz in 10 Mb/s
TX_CLK_B
50
mode derived from the 25 MHz reference clock.
Unused in RMII mode. The device uses the X1 reference clock input as the 50 MHz reference for
both transmit and receive.
SNI TRANSMIT CLOCK: 10 MHz Transmit clock output in 10 Mb SNI mode. The MAC should
source TX_EN and TXD_0 using this clock.
TX_EN_A
I
13
MII TRANSMIT ENABLE: Active high input indicates the presence of valid data inputs on
TX_EN_B
49
TXD[3:0].
RMII TRANSMIT ENABLE: Active high input indicates the presence of valid data on TXD[1:0].
SNI TRANSMIT ENABLE: Active high input indicates the presence of valid data on TXD_0.
TXD[3:0]_A
I
17,16,15,14,
MII TRANSMIT DATA: Transmit data MII input pins, TXD[3:0], that accept data synchronous to
TXD[3:0]_B
45,46,47,48
the TX_CLK (2.5 MHz in 10 Mb/s mode or 25 MHz in 100 Mb/s mode).
RMII TRANSMIT DATA: Transmit data RMII input pins, TXD[1:0], that accept data synchronous to
the 50 MHz reference clock.
SNI TRANSMIT DATA: Transmit data SNI input pin, TXD_0, that accept data synchronous to the
TX_CLK (10 MHz in 10 Mb/s SNI mode).
RX_CLK_A
O
79
MII RECEIVE CLOCK: Provides the 25 MHz recovered receive clocks for 100 Mb/s mode and 2.5
RX_CLK_B
63
MHz for 10 Mb/s mode.
Unused in RMII mode. The device uses the X1 reference clock input as the 50 MHz reference for
both transmit and receive.
SNI RECEIVE CLOCK: Provides the 10 MHz recovered receive clocks for 10 Mb/s SNI mode.
RX_DV_A
O
80
MII RECEIVE DATA VALID: Asserted high to indicate that valid data is present on the
RX_DV_B
62
corresponding RXD[3:0].
RMII RECEIVE DATA VALID: Asserted high to indicate that valid data is present on the
corresponding RXD[1:0]. This signal is not required in RMII mode, since CRS_DV includes the
RX_DV signal, but is provided to allow simpler recovery of the Receive data.
This pin is not used in SNI mode.
RX_ER_A
O
2
MII RECEIVE ERROR: Asserted high synchronously to RX_CLK to indicate that an invalid symbol
RX_ER_B
60
has been detected within a received packet in 100 Mb/s mode.
RMII RECEIVE ERROR: Asserted high synchronously to X1 whenever an invalid symbol is
detected, and CRS_DV is asserted in 100 Mb/s mode. This pin is also asserted on detection of a
False Carrier event. This pin is not required to be used by a MAC in RMII mode, since the Phy is
required to corrupt data on a receive error.
This pin is not used in SNI mode.
RXD[3:0]_A
O
9,8,5,4,53,
MII RECEIVE DATA: Nibble wide receive data signals driven synchronously to the RX_CLK, 25
RXD[3:0]_B
56,57,58
MHz for 100 Mb/s mode, 2.5 MHz for 10 Mb/s mode). RXD[3:0] signals contain valid data when
RX_DV is asserted.
RMII RECEIVE DATA: 2-bits receive data signals, RXD[1:0], driven synchronously to the X1 clock,
50 MHz.
SNI RECEIVE DATA: Receive data signal, RXD_0, driven synchronously to the RX_CLK. RXD_0
contains valid data when CRS is asserted. RXD[3:1] are not used in this mode.
CRS_A/CRS_
O
1
MII CARRIER SENSE: Asserted high to indicate the receive medium is non-idle.
DV_A
61
RMII CARRIER SENSE/RECEIVE DATA VALID: This signal combines the RMII Carrier and
CRS_B/CRS_
Receive Data Valid indications. For a detailed description of this signal, see the RMII Specification.
DV_B
SNI CARRIER SENSE: Asserted high to indicate the receive medium is non-idle. It is used to
frame valid receive data on the RXD_0 signal.
Copyright © 2009–2013, Texas Instruments Incorporated
Pin Descriptions
9
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More