Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83849IFVS/NOPB Arkusz danych(PDF) 25 Page - Texas Instruments

Numer części DP83849IFVS/NOPB
Szczegółowy opis  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB Arkusz danych(HTML) 25 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 21Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 22Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 23Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 24Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 25Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 26Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 27Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 28Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 108 page
background image
PMD Input
Pair
SD+ internal
T2.23.1
T2.23.2
T.2.22.2
T2.22.1
Fast Link
Pulse(s)
T2.22.1
T2.22.3
clock
pulse
data
pulse
clock
pulse
FLP Burst
FLP Burst
T2.22.5
T2.22.4
T2.21.2
T2.21.1
Normal Link
Pulse(s)
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
4.25 AC Specifications — 10BASE-T Normal Link Pulse Timing
(1)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.21.1
Pulse Width
100
ns
T2.21.2
Pulse Period
16
ms
(1)
These specifications represent transmit timings.
4.26 AC Specifications — Auto-Negotiation Fast Link Pulse (FLP) Timing
(1)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.22.1
Clock, Data Pulse Width
100
ns
T2.22.2
Clock Pulse to Clock Pulse
125
µs
Period
T2.22.3
Clock Pulse to Data Pulse
Data = 1
62
µs
Period
T2.22.4
Burst Width
2
ms
T2.22.5
FLP Burst to FLP Burst Period
16
ms
(1)
These specifications represent transmit timings.
4.27 AC Specifications — 100BASE-TX Signal Detect Timing
(1)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.23.1
SD Internal Turn-on Time
1
ms
T2.23.2
SD Internal Turn-off Time
350
µs
(1)
The signal amplitude on PMD Input Pair must be TP-PMD compliant.
Copyright © 2009–2013, Texas Instruments Incorporated
Electrical Specifications
25
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com