Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83849IFVS/NOPB Arkusz danych(PDF) 94 Page - Texas Instruments

Numer części DP83849IFVS/NOPB
Szczegółowy opis  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB Arkusz danych(HTML) 94 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 90Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 91Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 92Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 93Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 94Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 95Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 96Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 97Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
10.3.3
TDR Control Register (TDR_CTRL), Page 2, address 16h
This register contains control for the Time Domain Reflectometry (TDR) cable diagnostics. The TDR cable
diagnostics sends pulses down the cable and captures reflection data to be used to estimate cable length
and detect certain cabling faults.
Table 10-28. TDR Control Register (TDR_CTRL), address 16h
Bit
Bit Name
Default
Description
15
TDR_ENABLE
0, RW
TDR Enable:
Enable TDR mode. This forces powerup state to correct operating
condition for sending and receiving TDR pulses.
14
TDR_100Mb
0, RW
TDR 100Mb:
Sets TDR controller to use the 100Mb Transmitter. This allows for
sending pulse widths in multiples of 8ns. Pulses in 100Mb mode will
alternate between positive pulses and negative pulses.
Default operation uses the 10Mb Link Pulse generator. Pulses may
include just the 50ns preemphasis portion of the pulse or the 100ns full
link pulse (as controlled by setting TDR Width).
13
TX_CHANNEL
0, RW
Transmit Channel Select:
Select transmit channel for sending pulses. Pulse can be sent on the
Transmit or Receive pair.
0 : Transmit channel
1 : Receive channel
12
RX_CHANNEL
0, RW
Receive Channel Select:
Select receive channel for detecting pulses. Pulse can be monitored on
the Transmit or Receive pair.
0 : Transmit channel
1 : Receive channel
11
SEND_TDR
0, RW/SC
Send TDR Pulse:
Setting this bit will send a TDR pulse and enable the monitor circuit to
capture the response. This bit will automatically clear when the capture is
complete.
10:8
TDR_WIDTH
0, RW
TDR Pulse Width:
Pulse width in clocks for the transmitted pulse. In 100Mb mode, pulses
are in 8ns increments. In 10Mb mode, pulses are in 50ns increments, but
only 50ns or 100ns pulses can be sent. Sending a pulse of 0 width will
not transmit a pulse, but allows for baseline testing.
7
TDR_MIN_MODE
0, RW
Min/Max Mode control:
This bit controls direction of the pulse to be detected. Default looks for a
positive peak. Threshold and peak values will be interpreted appropriately
based on this bit.
0 : Max Mode, detect positive peak
1 : Min Mode, detect negative peak
6
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
5:0
RX_THRESHOLD
<10_0000>, RW
RX Threshold:
This value provides a threshold for measurement to the start of a peak. If
Min Mode is set to 0, data must be greater than this value to trigger a
capture. If Min Mode is 1, data must be less than this value to trigger a
capture. Data ranges from 0x00 to 0x3F, with 0x20 as the midpoint.
Positive data is greater than 0x20, negative data is less than 0x20.
94
Register Block
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com