Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83849IFVS/NOPB Arkusz danych(PDF) 27 Page - Texas Instruments

Numer części DP83849IFVS/NOPB
Szczegółowy opis  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB Arkusz danych(HTML) 27 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 23Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 24Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 25Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 26Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 27Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 28Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 29Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 30Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 108 page
background image
Symbol
T2.26.1
T2.26.3
T2.26.2
T2.26.4
X1
TXD[1:0]
TX_EN
PMD Output
Pair
Valid data
TX_CLK
TX_EN
TXD[3:0]
CRS
RX_CLK
RX-DV
RXD[3:0]
T2.25.1
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
4.29 AC Specifications — 10 Mb/s Internal Loopback Timing
(1)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.25.1
TX_EN to RX_DV Loopback
10 Mb/s internal loopback mode
2
µs
(1)
Measurement is made from the first rising edge of TX_CLK after assertion of TX_EN.
4.30 AC Specifications — RMII Transmit Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T2.26.1
X1 Clock Period
50 MHz Reference Clock
20
ns
T2.26.2
TXD[1:0], TX_EN, Data Setup to X1 rising
4
ns
T2.26.3
TXD[1:0], TX_EN, Data Hold from X1 rising
2
ns
T2.26.4
X1 Clock to PMD Output Pair Latency (100Mb)
100BASE-TX or 100BASE-FX
11
bits
Copyright © 2009–2013, Texas Instruments Incorporated
Electrical Specifications
27
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com