Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83849IFVS/NOPB Arkusz danych(PDF) 72 Page - Texas Instruments

Numer części DP83849IFVS/NOPB
Szczegółowy opis  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB Arkusz danych(HTML) 72 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 68Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 69Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 70Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 71Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 72Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 73Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 74Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 75Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
Table 10-2. Register Table (continued)
Register Name
Addr
Tag
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LED Direct Control 18h
LEDCR
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved LEDACT_R BLINK_FR BLINK_FR DRV_SPDLE DRV_LNKL DRV_ACTLE
SPDLED
LNKLED
ACTLED
Register
X
EQ
EQ
D
ED
D
PHY Control
19h
PHYCR
MDIX_EN
FORCE_M PAUSE_R PAUSE_TX
BIST_FE
PSR_15
BIST_
BIST_STA BP_STRET
LED_
LED_
PHY
PHY
PHY
PHY
PHY
Register
DIX
X
RT
CH
STATUS
CNFG[1]
CNFG[0]
ADDR
ADDR
ADDR
ADDR
ADDR
10Base-T
1Ah
10BT_SER Reserved
Reserved
Reserved
Reserved
SQUELCH SQUELCH
SQUELCH LOOPBAC
LP_DIS
FORCE_
Reserved
POLARITY
Reserved
Reserved
HEARTBEAT JABBER_D
Status/Control
IAL
K_10_DIS
_DIS
IS
LINK_10
Register
CD Test Control
1Bh
CDCTRL1
BIST_ERR BIST_ERR BIST_ERR BIST_ERR BIST_ERR BIST_ERR BIST_ERR BIST_ERR
Reserved
Reserved
BIST_CONT_ CDPattEN_
Reserved
10Meg_Pat
CDPattSel
CDPattSel
and BIST
OR_COUN OR_COUN OR_COUN OR_COUN OR_COUN OR_COUN OR_COUN OR_COUN
MODE
10
t_Gap
Extensions
T
T
T
T
T
T
T
T
Register
Phy Control
1Ch
PHYCR2
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
SOFT_RE
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Register 2
SET
Energy Detect
1Dh
EDCR
ED_EN
ED_AUTO
ED_AUTO
ED_MAN
ED_BURS ED_PWR_
ED_ERR_ ED_DATA_ ED_ERR_
ED_ERR_
ED_ERR_CO
ED_ERR_
ED_DATA_C ED_DATA_ ED_DATA_C ED_DATA_
Control Register
_UP
_DOWN
T_DIS
STATE
MET
MET
COUNT
COUNT
UNT
COUNT
OUNT
COUNT
OUNT
COUNT
RESERVED
1Eh-1Fh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RESERVED REGISTERS
RESERVED
14h-1Fh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
LINK DIAGNOSTICS REGISTERS - PAGE 2
100Mb Length
14h
LEN100_D Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
CABLE_LE CABLE_LE CABLE_LEN CABLE_LE CABLE_LEN CABLE_LE CABLE_LEN CABLE_LE
Detect Register
ET
N
N
N
N
N
100Mb Frequency
15h
FREQ100
SAMPLE_F Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
SEL_FC
FREQ_OF
FREQ_OF FREQ_OFFS FREQ_OF FREQ_OFFS FREQ_OF FREQ_OFFS FREQ_OF
Offset Indication
REQ
FSET
FSET
ET
FSET
ET
FSET
ET
FSET
Register
TDR Control
16h
TDR_CTRL TDR_ENA
TDR_100M TX_CHAN RX_CHAN
SEND_TD TDR_WIDT TDR_WIDT TDR_WIDT TDR_MIN_
Reserved
RX_THRESH RX_THRE RX_THRESH RX_THRE RX_THRESH RX_THRE
Register
BLE
b
NEL
NEL
R
H
H
H
MODE
OLD
SHOLD
OLD
SHOLD
OLD
SHOLD
TDR Window
17h
TDR_WIN
TDR_STA
TDR_STA
TDR_STA
TDR_STA
TDR_STA
TDR_STA
TDR_STA
TDR_STA
TDR_STO
TDR_STO
TDR_STOP
TDR_STO
TDR_STOP
TDR_STO
TDR_STOP
TDR_STO
Register
RT
RT
RT
RT
RT
RT
RT
RT
P
P
P
P
P
TDR Peak
18h
TDR_PEA
Reserved
Reserved
TDR_PEA
TDR_PEA
TDR_PEA
TDR_PEA
TDR_PEA
TDR_PEA
TDR_PEA
TDR_PEA
TDR_PEAK_
TDR_PEA
TDR_PEAK_
TDR_PEA
TDR_PEAK_
TDR_PEA
Register
K
K
K
K
K
K
K
K_TIME
K_TIME
TIME
K_TIME
TIME
K_TIME
TIME
K_TIME
TDR Threshold
19h
TDR_THR
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved TDR_THR_
TDR-
TDR-
TDR-
TDR-
TDR-
TDR-
TDR-
TDR-
Register
MET
THR_TIME THR_TIME
THR_TIME
THR_TIME
THR_TIME
THR_TIME
THR_TIME
THR_TIME
Variance Control
1Ah
VAR_CTRL VAR_RDY
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
VAR_FREEZ VAR_TIME VAR_TIMER VAR_TIME
Register
E
R
R
Variance Data
1Bh
VAR_DAT
VAR_DAT
VAR_DAT VAR_DAT
VAR_DAT
VAR_DAT
VAR_DAT VAR_DAT
VAR_DAT
VAR_DAT
VAR_DAT VAR_DATA
VAR_DAT
VAR_DATA
VAR_DAT VAR_DATA
VAR_DAT
Register
A
A
A
A
A
A
A
A
A
A
A
A
A
A
RESERVED
1Ch
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Link Quality
1Dh
LQMR
LQM_ENA
Reserved
Reserved
Reserved
Reserved
Reserved
FC_HI_WA FC_LO_W FREQ_HI_ FREQ_LO_ DBLW_HI_W
DBLW_LO DAGC_HI_W DAGC_LO
C1_HI_WAR
C1_LO_W
Monitor Register
BLE
RN
ARN
WARN
WARN
ARN
_WARN
ARN
_WARN
N
ARN
Link Quality Data
1Eh
LQDR
Reserved
Reserved
SAMPLE_ WRITE_LQ LQ_PARA
LQ_PARA
LQ_PARA LQ_THR_S LQ_THR_D LQ_THR_D LQ_THR_DA LQ_THR_D LQ_THR_DA LQ_THR_D LQ_THR_DA LQ_THR_D
Register
PARAM
_THR
M_SEL
M_SEL
M_SEL
EL
ATA
ATA
TA
ATA
TA
ATA
TA
ATA
RESERVED
1Fh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
72
Register Block
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com