Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83849IFVS/NOPB Arkusz danych(PDF) 105 Page - Texas Instruments

Numer części DP83849IFVS/NOPB
Szczegółowy opis  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB Arkusz danych(HTML) 105 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 100Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 101Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 102Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 103Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 104Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 105Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 106Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 107Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 108Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
www.ti.com
PACKAGE OUTLINE
C
80X
0.27
0.17
76X 0.5
PIN 1 ID
0.05 MIN
4X 9.5
TYP
14.2
13.8
(0.13) TYP
B
12.2
11.8
A
12.2
11.8
0.75
0.45
0.25
GAGE PLANE
0 -7
1.2 MAX
(1)
PLASTIC QUAD FLATPACK
TQFP - 1.2 mm max height
PFC0080A
PLASTIC QUAD FLATPACK
4215165/B 06/2017
0.08
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration MS-026.
1
20
21
40
41
60
61
80
0.08
C A B
SEE DETAIL A
SEATING PLANE
DETAIL A
SCALE: 14
DETAIL A
TYPICAL
SCALE 1.250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com