Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST7MC1K2 Arkusz danych(PDF) 42 Page - STMicroelectronics

Numer części ST7MC1K2
Szczegółowy opis  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Arkusz danych(HTML) 42 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 38Page - STMicroelectronics ST7MC1K2 Datasheet HTML 39Page - STMicroelectronics ST7MC1K2 Datasheet HTML 40Page - STMicroelectronics ST7MC1K2 Datasheet HTML 41Page - STMicroelectronics ST7MC1K2 Datasheet HTML 42Page - STMicroelectronics ST7MC1K2 Datasheet HTML 43Page - STMicroelectronics ST7MC1K2 Datasheet HTML 44Page - STMicroelectronics ST7MC1K2 Datasheet HTML 45Page - STMicroelectronics ST7MC1K2 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Supply, reset and clock management
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto,
42/371
6
Supply, reset and clock management
6.1
Introduction
The device includes a range of utility features for securing the application in critical
situations (for example in case of a power brown-out), and reducing the number of external
components. An overview is shown in Figure 9.
For more details, refer to dedicated parametric section.
6.2
Main features
Reset sequence manager (RSM)
1 crystal/ceramic resonator oscillator
System integrity management (SI)
Main supply low voltage detection (LVD)
Auxiliary voltage detector (AVD) with interrupt capability for monitoring the main
supply
Clock security system (CSS) with the VCO of the PLL, providing a backup safe
oscillator
Clock detector
PLL which can be used to multiply the frequency by 2 if the clock frequency input
is 8MHz.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More