Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCT050HDMI-A-RTP Arkusz danych(PDF) 10 Page - Midas Components

Numer części MCT050HDMI-A-RTP
Szczegółowy opis  TFT Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIDASDISPLAYS [Midas Components]
Strona internetowa  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT050HDMI-A-RTP Arkusz danych(HTML) 10 Page - Midas Components

Back Button MCT050HDMI-A-RTP Datasheet HTML 3Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 4Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 5Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 6Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 7Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 8Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 9Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 10Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 11Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Reliability
Content of Reliability Test (Wide temperature, -20
℃~70℃)
Note1: No dew condensation to be observed.
Note2: The function test shall be conducted after 4 hours storage at the normal
Temperature and humidity after remove from the test chamber.
Note3: The packing have to including into the vibration testing.
Environmental Test
Test Item
Content of Test
Test Condition
Note
High Temperature
storage
Endurance test applying the high storage temperature
for a long time.
80
℃
200hrs
2
Low Temperature
storage
Endurance test applying the low storage temperature
for a long time.
-30
℃
200hrs
1,2
High Temperature
Operation
Endurance test applying the electric stress (Voltage &
Current) and the thermal stress to the element for a
long time.
70
℃
200hrs
——
Low Temperature
Operation
Endurance test applying the electric stress under low
temperature for a long time.
-20
℃
200hrs
1
High Temperature/
Humidity Operation
The module should be allowed to stand at
60
℃,90%RHmax
60
℃,90%RH
96hrs
1,2
Thermal shock
resistance
The sample should be allowed stand the following 10
cycles of
operation
-20
℃ 25℃ 70℃
30min
5min
30min
1 cycle
-20
℃/70℃
10 cycles
——
Vibration test
Endurance test
applying the vibration during
transportation and using.
Total fixed amplitude :
1.5mm
Vibration Frequency :
10~55Hz
One cycle 60
seconds to 3
directions of X,Y,Z for
Each 15 minutes
3
Static electricity test
Endurance test applying the electric stress to the
terminal.
VS=±600V(contact)
,±800v(air),
RS=330Ω
CS=150pF
10 times
——
Page 10 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com