Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCT050HDMI-A-RTP Arkusz danych(PDF) 7 Page - Midas Components

Numer części MCT050HDMI-A-RTP
Szczegółowy opis  TFT Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIDASDISPLAYS [Midas Components]
Strona internetowa  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT050HDMI-A-RTP Arkusz danych(HTML) 7 Page - Midas Components

Back Button MCT050HDMI-A-RTP Datasheet HTML 3Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 4Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 5Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 6Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 7Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 8Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 9Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 10Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 11Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Absolute Maximum Ratings
Item
Symbol
Min
Typ
Max
Unit
Operating Temperature
TOP
-20
-
+70
℃
Storage Temperature
TST
-30
-
+80
℃
Note: Device is subject to be damaged permanently if stresses beyond those absolute
maximum ratings listed above
1.
Temp.
≦60℃,90%RHMAX.Temp.>60℃,Absolutehumidityshallbelessthan90%
RH at 60
℃
Electrical Characteristics
1. Operating conditions:
Item
Symbol
Min
Typ
Max
Unit
Remark
Supply Voltage For LCM
VDD
4.9
5
5.1
V
-
Supply Current For LCM
IDD
—
450
680
mA
Note 1
LED life time
-
-
50,000
-
Hr
Note 4
Note 1 : This value is test for VDD =5.0V , Ta=25℃ only
Note 2 : Please make sure to support enough current.
Note3 : With regard to the resistive touch panel calibration, please refer to the datasheet of
AR1100, which is in the link below:
http://ww1.microchip.com/downloads/en/DeviceDoc/41604A.pdf
Note 4: The “LED life time” is defined a
s the module brightness decrease to 50% original
brightness at Ta=25℃ and IL =60mA. The LED lifetime could be decreased if operating IL is
lager than 60mA.
DC CHARATERISTICS
Parameter
Symbol
Rating
Unit
Condition
Min
Typ
Max
Low level input voltage
VIL
0
-
0.3VDD
V
High level input voltage
VIH
0.7VDD
-
VDD
V
Page 7 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com