Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCT050HDMI-A-RTP Arkusz danych(PDF) 2 Page - Midas Components

Numer części MCT050HDMI-A-RTP
Szczegółowy opis  TFT Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIDASDISPLAYS [Midas Components]
Strona internetowa  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT050HDMI-A-RTP Arkusz danych(HTML) 2 Page - Midas Components

  MCT050HDMI-A-RTP Datasheet HTML 1Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 2Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 3Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 4Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 5Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 6Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 7Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 8Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Summary
TFT 5.0” is a TN transmissive type color active matrix TFT liquid crystal display that
use amorphous silicon TFT as switching devices. This module is a composed of a
TFT_LCD module, It is usually designed for industrial application and this module
follows RoHs,
General Specifications
 Size: 5.0 inch
 Dot Matrix: 800 × 3(RGB) × 480 dots
 Module dimension: 120.7 x 75.8 x 23.0 (Max) mm
Active area: 108.0 x 64.8 mm
 Dot pitch: 0.045 x 0.135 mm
 LCD type:
TFT, Normally White, Transmissive
 View Direction: 12 o’clock
Gray Scale Inversion Direction: 6 o’clock
 Aspect Ratio: 16:9
 Backlight Type:
LED, Normally White
 Controller IC: TFP401
or equivalent
 TFT Interface: HDMI
 RTP Interface: USB
 With /Without TP: With RTP(USB)
 Surface: Anti-Glare
*Color tone slight changed by temperature and driving voltage.
Page 2 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com