Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCT050HDMI-A-RTP Arkusz danych(PDF) 5 Page - Midas Components

Numer części MCT050HDMI-A-RTP
Szczegółowy opis  TFT Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIDASDISPLAYS [Midas Components]
Strona internetowa  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT050HDMI-A-RTP Arkusz danych(HTML) 5 Page - Midas Components

  MCT050HDMI-A-RTP Datasheet HTML 1Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 2Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 3Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 4Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 5Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 6Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 7Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 8Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
3. HDMI
Pin No.
Symbol
I/O
Function
Remark
1
Rx2+
I
+LVDS Differential Data Input
2
GND
P
Ground
3
Rx2-
I
-LVDS Differential Data Input
4
Rx1+
I
+LVDS Differential Data Input
5
GND
P
Ground
6
Rx1-
I
-LVDS Differential Data Input
7
Rx0+
I
+LVDS Differential Data Input
8
GND
P
Ground
9
Rx0-
I
-LVDS Differential Data Input
10
RxC+
I
+LVDS Differential Clock Input
11
GND
P
Ground
12
RxC-
I
-LVDS Differential Clock Input
13-14
NC
-
No connection
15
SCL
I/O DDC(Data Display Channel) Clock
16
SDA
I/O DDC(Data Display Channel) Data
17
GND
P
Ground
18
5V
P
Power Supply
19
Detect
I/O Hot plug detect
I: input, O: output, P: Power
4. RTP USB PIN Definition(CON3)
Pin No.
Symbol
I/O
Function
Remark
1
5V
P
Power Supply
2
D-
I/O USB Data -
3
D+
I/O USB Data +
4
NC
-
No connection
5
GND
P
Ground
Page 5 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com