Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCT050HDMI-A-RTP Arkusz danych(PDF) 3 Page - Midas Components

Numer części MCT050HDMI-A-RTP
Szczegółowy opis  TFT Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIDASDISPLAYS [Midas Components]
Strona internetowa  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT050HDMI-A-RTP Arkusz danych(HTML) 3 Page - Midas Components

  MCT050HDMI-A-RTP Datasheet HTML 1Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 2Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 3Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 4Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 5Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 6Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 7Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 8Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Interface
1. LCM PIN Definition(CON5)
Pin
Symbol
Function
Remark
1
3.3V
TFT
Module Power limit can only output 3.3V,100mA
NOTE1
2
5V
Raspberry Pi:Power 5V
3
GPIO02
Raspberry Pi:GPIO02
4
5V
Raspberry Pi:Power 5V
5
GPIO03
Raspberry Pi:GPIO03
6
GND
Raspberry Pi:GND
7
GPIO04
Raspberry Pi:GPIO04
8
GPIO14
Raspberry Pi:GPIO14
9
GND
Raspberry Pi:GND
10
GPIO15
Raspberry Pi:GPIO15
11
GPIO17
Raspberry Pi:GPIO17
12
GPIO18
Raspberry Pi:GPIO18 (Backlight Enable)
13
GPIO27
Raspberry Pi:GPIO27
14
GND
Raspberry Pi:GND
15
GPIO22
Raspberry Pi:GPIO22
16
GPIO23
Raspberry Pi:GPIO23
17
3.3V
TFT Module Power limit can only output 3.3V,100mA
NOTE1
18
GPIO24
Raspberry Pi:GPIO24
19
GPIO10
Raspberry Pi:GPIO10
20
GND
Raspberry Pi:GND
21
GPIO09
Raspberry Pi:GPIO09
22
GPIO25
Raspberry Pi:GPIO25
23
GPIO11
Raspberry Pi:GPIO11
24
GPIO08
Raspberry Pi:GPIO08
25
GND
Raspberry Pi:GND
26
GPIO07
Raspberry Pi:GPIO07
27
ID_SD
Raspberry Pi:ID_SD
28
ID_SC
Raspberry Pi:ID_SC
29
GPIO05
Raspberry Pi:GPIO05
30
GND
Raspberry Pi:GND
31
GPIO06
Raspberry Pi:GPIO06
32
GPIO12
Raspberry Pi:GPIO12
33
GPIO13
Raspberry Pi:GPIO13
34
GND
Raspberry Pi:GND
35
GPIO19
Raspberry Pi:GPIO19
36
GPIO16
Raspberry Pi:GPIO16
37
GPIO26
Raspberry Pi:GPIO26
38
GPIO20
Raspberry Pi:GPIO20
39
GND
Raspberry Pi:GND
40
GPIO21
Raspberry Pi:GPIO21
Note1: The 3.3V supply current is limited; please pay special attention to use
Page 3 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com