Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCT050HDMI-A-RTP Arkusz danych(PDF) 6 Page - Midas Components

Numer części MCT050HDMI-A-RTP
Szczegółowy opis  TFT Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIDASDISPLAYS [Midas Components]
Strona internetowa  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT050HDMI-A-RTP Arkusz danych(HTML) 6 Page - Midas Components

Back Button MCT050HDMI-A-RTP Datasheet HTML 2Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 3Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 4Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 5Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 6Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 7Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 8Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 9Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 10Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Contour Drawing
TFT_Outline 120.7¡ À
0.5
TFT_AA 108.00
6.30
TP_Outline 119.70¡ À
0.2
TP_VA 111.70
TP_AA 109.00
6.15
4.50
0.50¡ À
0.5
4.28
YU
YD
XL
XR
13.58¡ À
0.5
6.8max
23.00max
2.8max
The non-specified tolerance of dimension is ¡ À
0.3 mm .
1.60(PCB)
2.8¡ À
0.2
800 X RGB X 480
R G B
YU
120.70 (PCB)
CON4
CON3
8- 2.75 PTH
8- 6.2PAD
1
40
The non-specified tolerance of dimension is ¡ À
0.3 mm .
1
40
Pin Symbol Pin Symbol
1
NC
21
GPIO09
2
5V
22
GPIO25
3
GPIO02
23
GPIO11
4
5V
24
GPIO08
5
GPIO03
25
GND
6
GND
26
GPIO07
7
GPIO04
27
ID_SD
8
GPIO14
28
ID_SC
9
GND
29
GPIO05
10
GPIO15
30
GND
11
GPIO17
31
GPIO06
12
GPIO18
32
GPIO12
13
GPIO27
33
GPIO13
14
GND
34
GND
15
GPIO22
35
GPIO19
16
GPIO23
36
GPIO16
17
NC
37
GPIO26
18
GPIO24
38
GPIO20
19
GPIO10
39
GND
20
GND
40
GPIO21
CON4
Pin Symbol Pin Symbol
1
3.3V
21
GPIO09
2
5V
22
GPIO25
3
GPIO02
23
GPIO11
4
5V
24
GPIO08
5
GPIO03
25
GND
6
GND
26
GPIO07
7
GPIO04
27
ID_SD
8
GPIO14
28
ID_SC
9
GND
29
GPIO05
10
GPIO15
30
GND
11
GPIO17
31
GPIO06
12
GPIO18
32
GPIO12
13
GPIO27
33
GPIO13
14
GND
34
GND
15
GPIO22
35
GPIO19
16
GPIO23
36
GPIO16
17
3.3V
37
GPIO26
18
GPIO24
38
GPIO20
19
GPIO10
39
GND
20
GND
40
GPIO21
CON5
Pin Symbol
1
RX2+
2
GND
3
RX2-
4
RX1+
5
GND
6
RX1-
7
RX0+
8
GND
9
RX0-
10
RXC+
11
GND
12
RXC-
13
NC
14
NC
15
SCL
16
SDA
17
GND
18
5V
19
Detect
HDMI
1
5
113.70
3.50
2
3
5
4
1
CON3
5V
D-
D+
GND
NC
19 HDMI 1
Page 6 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com