Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCT050HDMI-A-RTP Arkusz danych(PDF) 11 Page - Midas Components

Numer części MCT050HDMI-A-RTP
Szczegółowy opis  TFT Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIDASDISPLAYS [Midas Components]
Strona internetowa  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT050HDMI-A-RTP Arkusz danych(HTML) 11 Page - Midas Components

Back Button MCT050HDMI-A-RTP Datasheet HTML 3Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 4Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 5Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 6Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 7Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 8Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 9Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 10Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 11Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Touch Panel Information
Resistance Touch Panel General Specifications
Item
Description
Insulating resistance
>
20MΩ,25V(DC)
Light transparence
Min 70%
Structure type
Anti-Glare
X resistance
200~1200Ω
Y resistance
100~900Ω
Page 11 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com