Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCT050HDMI-A-RTP Arkusz danych(PDF) 8 Page - Midas Components

Numer części MCT050HDMI-A-RTP
Szczegółowy opis  TFT Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIDASDISPLAYS [Midas Components]
Strona internetowa  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT050HDMI-A-RTP Arkusz danych(HTML) 8 Page - Midas Components

Back Button MCT050HDMI-A-RTP Datasheet HTML 3Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 4Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 5Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 6Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 7Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 8Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 9Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 10Page - Midas Components MCT050HDMI-A-RTP Datasheet HTML 11Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Optical Characteristics
Item
Symbol
Condition.
Min
Typ. Max.
Unit
Remark
Response time
Tr
θ=0°、Φ=0°
-
10
20
.ms
Note 3
Tf
-
15
30
.ms
Contrast ratio
CR
At optimized
viewing angle
400
500
-
-
Note 4
Color
Chromaticity
White
Wx
θ=0°、Φ=0
0.26 0.31
0.36
Note 2,6,7
Wy
0.28 0.33
0.38
Viewing angle
(Gray Scale
Inversion
Direction)
Hor.
ΘR
CR≧10
60
70
-
Deg.
Note 1
ΘL
60
70
-
Ver.
ΦT
40
50
-
ΦB
60
70
-
Brightness
-
-
250
350
-
cd/
㎡
Center of
display
Uniformity
(U)
-
75
-
-
%
Note5
Ta=25±2℃
Note 1: Definition of viewing angle range
Fig. 9.1.
Definition of viewing angle
Note 2: Test equipment setup:
After stabilizing and leaving the panel alone at a driven temperature for 10 minutes, the
measurement should be executed. Measurement should be executed in a stable, windless,
and dark room. Optical specifications are measured by Topcon BM-7or BM-5 luminance meter
1.0° field of view at a distance of 50cm and normal direction.
Page 8 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com