Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 3 Page - Texas Instruments

  TMS320F28374SPZP Datasheet HTML 1Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 2Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 3Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 4Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 5Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 6Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 7Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 8Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 229 page
background image
3
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Device Overview
Copyright © 2014–2020, Texas Instruments Incorporated
The TMS320F2837xS supports up to 1MB (512KW) of onboard flash memory with error correction code
(ECC) and up to 164KB (82KW) of SRAM. Two 128-bit secure zones are also available on the CPU for
code protection.
Performance analog and control peripherals are also integrated on the F2837xS MCU to further enable
system consolidation. Four independent 16-bit ADCs provide precise and efficient management of multiple
analog signals, which ultimately boosts system throughput. The new sigma-delta filter module (SDFM)
works in conjunction with the sigma-delta modulator to enable isolated current shunt measurements. The
Comparator Subsystem (CMPSS) with windowed comparators allows for protection of power stages when
current limit conditions are exceeded or not met. Other analog and control peripherals include DACs,
PWMs, eCAPs, eQEPs, and other peripherals.
Peripherals such as EMIFs, CAN modules (ISO 11898-1/CAN 2.0B-compliant), and a new uPP interface
extend the connectivity of the F2837xS. The uPP interface is a new feature of the C2000™ MCUs and
supports high-speed parallel connection to FPGAs or other processors with similar uPP interfaces. Lastly,
a USB 2.0 port with MAC and PHY lets users easily add universal serial bus (USB) connectivity to their
application.
To learn more about the C2000 MCUs, visit the C2000 Overview at www.ti.com/c2000.
(1)
For more information on these devices, see Mechanical, Packaging, and Orderable Information.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS320F28379SZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28377SZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28376SZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28375SZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28374SZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28379SPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28378SPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28377SPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28376SPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28375SPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28374SPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28379SPZP
HTQFP (100)
14.0 mm × 14.0 mm
TMS320F28378SPZP
HTQFP (100)
14.0 mm × 14.0 mm
TMS320F28377SPZP
HTQFP (100)
14.0 mm × 14.0 mm
TMS320F28376SPZP
HTQFP (100)
14.0 mm × 14.0 mm
TMS320F28375SPZP
HTQFP (100)
14.0 mm × 14.0 mm
TMS320F28374SPZP
HTQFP (100)
14.0 mm × 14.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com