Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 53 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 53 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 49Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 50Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 51Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 52Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 53Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 54Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 55Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 56Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 229 page
background image
53
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Specifications
Copyright © 2014–2020, Texas Instruments Incorporated
(1)
VDDIO, VDD3VFL, and VDDOSC should be maintained within 0.3 V of each other.
(2)
Operation above TJ = 105°C for extended duration will reduce the lifetime of the device. See Calculating Useful Lifetimes of Embedded
Processors for more information.
5.4
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Device supply voltage, I/O, VDDIO
(1)
3.14
3.3
3.47
V
Device supply voltage, VDD
1.14
1.2
1.26
V
Supply ground, VSS
0
V
Analog supply voltage, VDDA
3.14
3.3
3.47
V
Analog ground, VSSA
0
V
Junction temperature, TJ
T version
–40
105
°C
S version(2)
–40
125
Q version (AEC Q100 qualification)(2)
–40
150
Free-Air temperature, TA
Q version (AEC Q100 qualification)
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com