Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 80 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 80 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 76Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 77Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 78Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 79Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 80Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 81Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 82Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 83Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 229 page
background image
80
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Specifications
Copyright © 2014–2020, Texas Instruments Incorporated
5.9.8
Low-Power Modes
This device has three clock-gating low-power modes and a special power-gating mode.
Further details, as well as the entry and exit procedure, for all of the low-power modes can be found in the
Low Power Modes section of the TMS320F2837xS Microcontrollers Technical Reference Manual.
5.9.8.1
Clock-Gating Low-Power Modes
IDLE, STANDBY, and HALT modes on this device are similar to those on other C28x devices. Table 5-27
describes the effect on the system when any of the clock-gating low-power modes are entered.
Table 5-27. Effect of Clock-Gating Low-Power Modes on the Device
MODULES/
CLOCK DOMAIN
CPU1 IDLE
CPU1 STANDBY
HALT
CPU1.CLKIN
Active
Gated
Gated
CPU1.SYSCLK
Active
Gated
Gated
CPU1.CPUCLK
Gated
Gated
Gated
Clock to modules Connected to
PERx.SYSCLK
Active
Gated
Gated
CPU1.WDCLK
Active
Active
Gated if CLKSRCCTL1.WDHALTI = 0
AUXPLLCLK
Active
Active
Gated
PLL
Powered
Powered
Software must power down PLL before
entering HALT
INTOSC1
Powered
Powered
Powered down if CLKSRCCTL1.WDHALTI = 0
INTOSC2
Powered
Powered
Powered down if CLKSRCCTL1.WDHALTI = 0
Flash
Powered
Powered
Software-Controlled
X1/X2 Crystal Oscillator
Powered
Powered
Powered-Down
5.9.8.2
Power-Gating Low-Power Modes
HIBERNATE mode is the lowest power mode on this device. It is a global low-power mode that gates the
supply voltages to most of the system. HIBERNATE is essentially a controlled power-down with remote
wakeup capability, and can be used to save power during long periods of inactivity. Table 5-28 describes
the effects on the system when the HIBERNATE mode is entered.
Table 5-28. Effect of Power-Gating Low-Power Mode on the Device
MODULES/POWER DOMAINS
HIBERNATE
M0 and M1 memories
●
Remain on with memory retention if LPMCR.M0M1MODE = 0x00
●
Are off when LPMCR.M0M1MODE = 0x01
CPU1 digital peripherals
Powered down
Dx, LSx, GSx memories
Power down, memory contents are lost
I/Os
On with output state preserved
Oscillators, PLL, analog
peripherals, Flash
Enters Low-Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com