Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 3Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 4Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 5Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 6Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 7Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 8Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 9Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 10Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 229 page
background image
7
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Revision History
Copyright © 2014–2020, Texas Instruments Incorporated
Changes from November 16, 2018 to March 2, 2020 (from G Revision (November 2018) to H Revision)
Page
•
Section 1.1 (Features): Added "Functional Safety Compliant" feature.
....................................................... 1
•
Section 1.2 (Applications): Updated section.
..................................................................................... 2
•
Section 1.3 (Description): Updated section.
...................................................................................... 2
•
Figure 1-1 (Functional Block Diagram): Changed MRXx to MDRx.
........................................................... 4
•
Table 3-1 (Device Comparison): Added number of CLB tiles.
................................................................. 9
•
Section 5.1 (Absolute Maximum Ratings): Changed "Input clamp current" condition from "Digital input (per
pin), ..." to "Digital/analog input (per pin), ...".
.................................................................................. 51
•
Section 5.1: Added footnote about continuous clamp current.
................................................................ 51
•
Section 5.2 (ESD Ratings – Commercial): Added ANSI/ESDA/JEDEC JS-002 to charged-device model (CDM)
..... 52
•
Section 5.5.2 (Reducing Current Consumption): Updated list of methods for reducing the device current
consumption.
......................................................................................................................... 57
•
Section 5.6 (Electrical Characteristics): Added VDDIO-POR parameter. ........................................................ 58
•
Section 5.9.1.5 (Supply Supervision): Added NOTE.
.......................................................................... 61
•
Table 5-7 (Input Clock Frequency): Updated f(X1). .............................................................................. 66
•
Section 5.9.5 (Emulation/JTAG): Changed "emulator" to "debug probe".
.................................................. 72
•
Table 5-38 (EMIF Asynchronous Memory Switching Characteristics): Updated Parameter 3 [tc(EMRCYCLE)] and
Parameter 15 [tc(EMWCYCLE)]. ........................................................................................................ 89
•
Section 5.10 (Analog Peripheral): Updated feature about buffered DACs.
................................................. 96
•
Figure 5-29 (Analog Subsystem Block Diagram (100-Pin PZP)): Updated ADC-A and ADC-B blocks by changing
"16-bits or 12-bits (selectable)" to "12-bits".
.................................................................................... 99
•
Section 5.10.1.2 (ADC Electrical Data and Timing): Added NOTE about keeping VREFHI pin below VDDA + 0.3 V
to ensure proper functional operation.
.......................................................................................... 104
•
Table 5-51 (ADC Timings in 12-Bit Mode (SYSCLK Cycles)): Added footnote.
.......................................... 111
•
Table 5-52 (ADC Timings in 16-Bit Mode): Added footnote.
................................................................ 113
•
Table 5-54 (Comparator Electrical Characteristics): Updated description of "Power-up time" parameter.
............ 118
•
Table 5-54: Changed MAX Power-up time from 10 µs to 500 µs. Added footnote referencing the "Analog
Bandgap References" advisory.
................................................................................................. 118
•
Table 5-54: Added TEST CONDITION for "Input referred offset error".
.................................................... 118
•
Table 5-54: Added Common Mode Rejection Ratio (CMRR).
............................................................... 118
•
Table 5-55 (CMPSS DAC Static Electrical Characteristics): Added footnote about maximum output voltage.
...... 120
•
Section 5.10.3 (Buffered Digital-to-Analog Converter (DAC)): Updated section.
......................................... 122
•
Figure 5-44 (DAC Module Block Diagram): Updated figure.
................................................................ 122
•
Section 5.10.3.1 (Buffered DAC Electrical Data and Timing): Added NOTE about keeping VREFHI pin below VDDA
+ 0.3 V to ensure proper functional operation.
................................................................................. 123
•
Table 5-56 (Buffered DAC Electrical Characteristics): Updated description of "Power-up time" parameter.
.......... 123
•
Table 5-56: Changed MAX Power-up time from 10 µs to 500 µs. Added footnote referencing the "Analog
Bandgap References" advisory.
................................................................................................. 123
•
Table 5-56: Changed "Trimmed offset error" to "Offset error".
.............................................................. 123
•
Table 5-56: Added TYP DNL value.
............................................................................................. 123
•
Table 5-56: Added TYP INL value.
.............................................................................................. 123
•
Table 5-56: Changed description of RPD to "RPD pulldown resistor"......................................................... 123
•
Table 5-56: Changed "Reference load" to "Reference input resistance".
.................................................. 123
•
Table 5-56: Updated footnote about typical values.
........................................................................... 123
•
Table 5-59 (ePWM Timing Requirements): Added f(EPWM) and associated footnote. .................................... 133
•
Table 5-65 (High-Resolution PWM Timing Requirements): Added table.
................................................. 138
•
Section 5.11.5.2 (SDFM Electrical Data and Timing (Using 3-Sample GPIO Input Qualification)): Updated NOTE
about the SDFM Qualified GPIO (3-sample) mode.
.......................................................................... 144
•
Section 5.12.3.1.2 (McBSP as SPI Master or Slave Timing): Updated section.
.......................................... 156
•
Figure 5-66 (McBSP Timing as SPI Master or Slave: CLKSTP = 10b, CLKXP = 0): Updated M28. Added M26.
... 159
•
Figure 5-67 (McBSP Timing as SPI Master or Slave: CLKSTP = 11b, CLKXP = 0): Added M36.
.................... 159
•
Figure 5-68 (McBSP Timing as SPI Master or Slave: CLKSTP = 10b, CLKXP = 1): Updated M47. Added M45.
... 160
•
Section 5.12.5.1 (SPI Electrical Data and Timing): Updated section.
...................................................... 166
•
Table 5-77 (SPI Master Mode Timing Requirements): Updated table.
.................................................... 166
•
Table 5-78 (SPI Master Mode Switching Characteristics (Clock Phase = 0)): Updated table.
......................... 166
•
Table 5-79 (SPI Master Mode Switching Characteristics (Clock Phase = 1)): Updated table.
......................... 166
•
Table 5-80 (SPI Slave Mode Timing Requirements): Updated table.
...................................................... 170
•
Table 5-81 (SPI Slave Mode Switching Characteristics): Updated table.
................................................. 170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com