Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 19 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 19 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 15Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 16Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 17Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 18Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 19Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 20Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 21Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 22Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 229 page
background image
19
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Terminal Configuration and Functions
Copyright © 2014–2020, Texas Instruments Incorporated
4.2
Signal Descriptions
Table 4-1 describes the signals. The GPIO function is the default at reset, unless otherwise mentioned.
The peripheral signals that are listed under them are alternate functions. Some peripheral functions may
not be available in all devices. See Table 3-1 for details. All GPIO pins are I/O/Z and have an internal
pullup, which can be selectively enabled or disabled on a per-pin basis. This feature only applies to the
GPIO pins. The pullups are not enabled at reset.
Table 4-1. Signal Descriptions
TERMINAL
I/O/Z(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
ADC, DAC, AND COMPARATOR SIGNALS
VREFHIA
V1
37
19
I
ADC-A high reference. This voltage must be driven into
the pin from external circuitry. Place at least a 1-µF
capacitor on this pin for the 12-bit mode, or at least a 22-
µF capacitor for the 16-bit mode. This capacitor should
be placed as close to the device as possible between
the VREFHIA and VREFLOA pins.
NOTE: Do not load this pin externally.
VREFHIB
W5
53
37
I
ADC-B high reference. This voltage must be driven into
the pin from external circuitry. Place at least a 1-µF
capacitor on this pin for the 12-bit mode, or at least a 22-
µF capacitor for the 16-bit mode. This capacitor should
be placed as close to the device as possible between
the VREFHIB and VREFLOB pins.
NOTE: Do not load this pin externally.
VREFHIC
R1
35
–
I
ADC-C high reference. This voltage must be driven into
the pin from external circuitry. Place at least a 1-µF
capacitor on this pin for the 12-bit mode, or at least a 22-
µF capacitor for the 16-bit mode. This capacitor should
be placed as close to the device as possible between
the VREFHIC and VREFLOC pins.
NOTE: Do not load this pin externally.
VREFHID
V5
55
–
I
ADC-D high reference. This voltage must be driven into
the pin from external circuitry. Place at least a 1-µF
capacitor on this pin for the 12-bit mode, or at least a 22-
µF capacitor for the 16-bit mode. This capacitor should
be placed as close to the device as possible between
the VREFHID and VREFLOD pins.
NOTE: Do not load this pin externally.
VREFLOA
R2
33
17
I
ADC-A low reference.
On the PZP package, pin 17 is double-bonded to VSSA
and VREFLOA. On the PZP package, pin 17 must be
connected to VSSA on the system board.
VREFLOB
V6
50
34
I
ADC-B low reference
VREFLOC
P2
32
–
I
ADC-C low reference
VREFLOD
W6
51
–
I
ADC-D low reference
ADCIN14
T4
44
26
I
Input 14 to all ADCs. This pin can be used as a general-
purpose ADCIN pin or it can be used to calibrate all
ADCs together (either single-ended or differential) from
an external reference.
CMPIN4P
I
Comparator 4 positive input
ADCIN15
U4
45
27
I
Input 15 to all ADCs. This pin can be used as a general-
purpose ADCIN pin or it can be used to calibrate all
ADCs together (either single-ended or differential) from
an external reference.
CMPIN4N
I
Comparator 4 negative input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com