Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 1 Page - Texas Instruments

  TMS320F28374SPZP Datasheet HTML 1Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 2Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 3Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 4Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 5Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 6Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 7Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 8Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 229 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
TMS320F2837xS Microcontrollers
1
Device Overview
1
1.1
Features
1
• TMS320C28x 32-bit CPU
– 200 MHz
– IEEE 754 single-precision Floating-Point Unit
(FPU)
– Trigonometric Math Unit (TMU)
– Viterbi/Complex Math Unit (VCU-II)
• Programmable Control Law Accelerator (CLA)
– 200 MHz
– IEEE 754 single-precision floating-point
instructions
– Executes code independently of main CPU
• On-chip memory
– 512KB (256KW) or 1MB (512KW) of flash
(ECC-protected)
– 132KB (66KW) or 164KB (82KW) of RAM
(ECC-protected or parity-protected)
– Dual-zone security supporting third-party
development
– Unique identification number
• Clock and system control
– Two internal zero-pin 10-MHz oscillators
– On-chip crystal oscillator
– Windowed watchdog timer module
– Missing clock detection circuitry
• 1.2-V core, 3.3-V I/O design
• System peripherals
– Two External Memory Interfaces (EMIFs) with
ASRAM and SDRAM support
– 6-channel Direct Memory Access (DMA)
controller
– Up to 169 individually programmable,
multiplexed General-Purpose Input/Output
(GPIO) pins with input filtering
– Expanded Peripheral Interrupt controller (ePIE)
– Multiple Low-Power Mode (LPM) support with
external wakeup
• Communications peripherals
– USB 2.0 (MAC + PHY)
– Support for 12-pin 3.3 V-compatible Universal
Parallel Port (uPP) interface
– Two Controller Area Network (CAN) modules
(pin-bootable)
– Three high-speed (up to 50-MHz) SPI ports (pin-
bootable)
– Two Multichannel Buffered Serial Ports
(McBSPs)
– Four Serial Communications Interfaces
(SCI/UART) (pin-bootable)
– Two I2C interfaces (pin-bootable)
• Analog subsystem
– Up to four Analog-to-Digital Converters (ADCs)
– 16-bit mode
–
1.1 MSPS each (up to 4.4-MSPS system
throughput)
–
Differential inputs
–
Up to 12 external channels
– 12-bit mode
–
3.5 MSPS each (up to 14-MSPS system
throughput)
–
Single-ended inputs
–
Up to 24 external channels
– Single Sample-and-Hold (S/H) on each ADC
– Hardware-integrated post-processing of ADC
conversions
–
Saturating offset calibration
–
Error from setpoint calculation
–
High, low, and zero-crossing compare,
with interrupt capability
–
Trigger-to-sample delay capture
– Eight windowed comparators with 12-bit Digital-
to-Analog Converter (DAC) references
– Three 12-bit buffered DAC outputs
• Enhanced control peripherals
– 24 PWM channels with enhanced features
– 16 High-Resolution Pulse Width Modulator
(HRPWM) channels
– High resolution on both A and B channels of
8 PWM modules
– Dead-band support (on both standard and
high resolution)
– Six Enhanced Capture (eCAP) modules
– Three Enhanced Quadrature Encoder Pulse
(eQEP) modules
– Eight Sigma-Delta Filter Module (SDFM) input
channels, 2 parallel filters per channel
– Standard SDFM data filtering
– Comparator filter for fast action for out of
range


Podobny numer części - TMS320F28374SPZP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320F28374SPZP TI1-TMS320F28374SPZP Datasheet
2Mb / 213P
Programmable Control Law Accelerator
TMS320F28374SPZP TI-TMS320F28374SPZP Datasheet
5Mb / 225P
TMS320F2837xS Microcontrollers
TMS320F28374SPZPS TI1-TMS320F28374SPZPS Datasheet
2Mb / 209P
Microcontrollers
TMS320F28374SPZPS TI1-TMS320F28374SPZPS Datasheet
2Mb / 213P
Programmable Control Law Accelerator
TMS320F28374SPZPS TI1-TMS320F28374SPZPS Datasheet
2Mb / 213P
Delfino Microcontrollers
More results

Podobny opis - TMS320F28374SPZP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
logo
Texas Instruments
TMS320F28379S TI-TMS320F28379S_V02 Datasheet
5Mb / 225P
TMS320F2837xS Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com