Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 2 Page - Texas Instruments

  TMS320F28374SPZP Datasheet HTML 1Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 2Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 3Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 4Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 5Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 6Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 7Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 8Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 229 page
background image
2
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Device Overview
Copyright © 2014–2020, Texas Instruments Incorporated
• Configurable Logic Block (CLB)
– Augments existing peripheral capability
– Supports position manager solutions
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation available to aid ISO 26262
system design up to ASIL D; IEC 61508 up to
SIL 3; IEC 60730 up to Class C; and UL 1998
up to Class 2
– Hardware integrity up to ASIL B, SIL 2
• Safety-related certification
– ISO 26262 certified up to ASIL B and IEC 61508
certified up to SIL 2 by TUV SUD
• Package options:
– Lead-free, green packaging
– 337-ball New Fine Pitch Ball Grid Array
(nFBGA) [ZWT suffix]
– 176-pin PowerPAD™ Thermally Enhanced Low-
Profile Quad Flatpack (HLQFP)
[PTP suffix]
– 100-pin PowerPAD Thermally Enhanced Thin
Quad Flatpack (HTQFP) [PZP suffix]
• Temperature options:
– T: –40ºC to 105ºC junction
– S: –40ºC to 125ºC junction
– Q: –40ºC to 125ºC free-air
(AEC Q100 qualification for automotive
applications)
1.2
Applications
•
Medium/short range radar
•
Traction inverter motor control
•
HVAC large commercial motor control
•
Automated sorting equipment
•
CNC control
•
AC charging (pile) station
•
DC charging (pile) station
•
EV charging station power module
•
Energy storage power conversion system (PCS)
•
Central inverter
•
Solar power optimizer
•
String inverter
•
Inverter & motor control
•
On-board (OBC) & wireless charger
•
Linear motor segment controller
•
Servo drive control module
•
AC-input BLDC motor drive
•
DC-input BLDC motor drive
•
Industrial AC-DC
•
Three phase UPS
1.3
Description
C2000™ 32-bit microcontrollers are optimized for processing, sensing, and actuation to improve closed-
loop performance in real-time control applications such as industrial motor drives; solar inverters and
digital power; electrical vehicles and transportation; motor control; and sensing and signal processing. The
C2000 line includes the Premium performance MCUs and the Entry performance MCUs.
The TMS320F2837xS is a powerful 32-bit floating-point microcontroller unit (MCU) designed for advanced
closed-loop control applications such as industrial motor drives; solar inverters and digital power; electrical
vehicles and transportation; and sensing and signal processing. To accelerate application development,
the DigitalPower software development kit (SDK) for C2000 MCUs and the MotorControl software
development kit (SDK) for C2000™ MCUs are available.
The real-time control subsystem is based on TI’s 32-bit C28x floating-point CPU, which provides 200 MHz
of signal processing performance. The C28x CPU is further boosted by the new TMU accelerator, which
enables fast execution of algorithms with trigonometric operations common in transforms and torque loop
calculations; and the VCU accelerator, which reduces the time for complex math operations common in
encoded applications.
The F2837xS microcontroller family features a CLA real-time control coprocessor. The CLA is an
independent 32-bit floating-point processor that runs at the same speed as the main CPU. The CLA
responds to peripheral triggers and executes code concurrently with the main C28x CPU. This parallel
processing capability can effectively double the computational performance of a real-time control system.
By using the CLA to service time-critical functions, the main C28x CPU is free to perform other tasks, such
as communications and diagnostics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com