Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 44 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 44 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 40Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 41Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 42Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 43Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 44Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 45Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 46Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 47Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 229 page
background image
44
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Terminal Configuration and Functions
Copyright © 2014–2020, Texas Instruments Incorporated
Table 4-3. GPIO Muxed Pins(1)(2) (continued)
GPIO Mux Selection
GPIO Index
0, 4, 8, 12
1
2
3
5
6
7
15
GPyGMUXn.
GPIOz =
00b, 01b,
10b, 11b
00b
01b
11b
GPyMUXn.
GPIOz =
00b
01b
10b
11b
01b
10b
11b
11b
(3)
High-Speed SPI-enabled GPIO mux option. This pin mux option is required when using the SPI in High-Speed Mode (HS_MODE = 1 in
SPICCR). This mux option is still available when not using the SPI in High-Speed Mode (HS_MODE = 0 in SPICCR).
GPIO40
EM1A2 (O)
SDAB (I/OD)
GPIO41
EM1A3 (O)
SCLB (I/OD)
GPIO42
SDAA (I/OD)
SCITXDA (O)
GPIO43
SCLA (I/OD)
SCIRXDA (I)
GPIO44
EM1A4 (O)
GPIO45
EM1A5 (O)
GPIO46
EM1A6 (O)
SCIRXDD (I)
GPIO47
EM1A7 (O)
SCITXDD (O)
GPIO48
OUTPUTXBAR3 (O)
EM1A8 (O)
SCITXDA (O)
SD1_D1 (I)
GPIO49
OUTPUTXBAR4 (O)
EM1A9 (O)
SCIRXDA (I)
SD1_C1 (I)
GPIO50
EQEP1A (I)
EM1A10 (O)
SPISIMOC (I/O)
SD1_D2 (I)
GPIO51
EQEP1B (I)
EM1A11 (O)
SPISOMIC (I/O)
SD1_C2 (I)
GPIO52
EQEP1S (I/O)
EM1A12 (O)
SPICLKC (I/O)
SD1_D3 (I)
GPIO53
EQEP1I (I/O)
EM1D31 (I/O)
EM2D15 (I/O)
SPISTEC (I/O)
SD1_C3 (I)
GPIO54
SPISIMOA (I/O)
EM1D30 (I/O)
EM2D14 (I/O)
EQEP2A (I)
SCITXDB (O)
SD1_D4 (I)
GPIO55
SPISOMIA (I/O)
EM1D29 (I/O)
EM2D13 (I/O)
EQEP2B (I)
SCIRXDB (I)
SD1_C4 (I)
GPIO56
SPICLKA (I/O)
EM1D28 (I/O)
EM2D12 (I/O)
EQEP2S (I/O)
SCITXDC (O)
SD2_D1 (I)
GPIO57
SPISTEA (I/O)
EM1D27 (I/O)
EM2D11 (I/O)
EQEP2I (I/O)
SCIRXDC (I)
SD2_C1 (I)
GPIO58
MCLKRA (I/O)
EM1D26 (I/O)
EM2D10 (I/O)
OUTPUTXBAR1 (O)
SPICLKB (I/O)
SD2_D2 (I)
SPISIMOA
(3) (I/O)
GPIO59
MFSRA (I/O)
EM1D25 (I/O)
EM2D9 (I/O)
OUTPUTXBAR2 (O)
SPISTEB (I/O)
SD2_C2 (I)
SPISOMIA
(3) (I/O)
GPIO60
MCLKRB (I/O)
EM1D24 (I/O)
EM2D8 (I/O)
OUTPUTXBAR3 (O)
SPISIMOB (I/O)
SD2_D3 (I)
SPICLKA
(3) (I/O)
GPIO61
MFSRB (I/O)
EM1D23 (I/O)
EM2D7 (I/O)
OUTPUTXBAR4 (O)
SPISOMIB (I/O)
SD2_C3 (I)
SPISTEA
(3) (I/O)
GPIO62
SCIRXDC (I)
EM1D22 (I/O)
EM2D6 (I/O)
EQEP3A (I)
CANRXA (I)
SD2_D4 (I)
GPIO63
SCITXDC (O)
EM1D21 (I/O)
EM2D5 (I/O)
EQEP3B (I)
CANTXA (O)
SD2_C4 (I)
SPISIMOB
(3) (I/O)
GPIO64
EM1D20 (I/O)
EM2D4 (I/O)
EQEP3S (I/O)
SCIRXDA (I)
SPISOMIB
(3) (I/O)
GPIO65
EM1D19 (I/O)
EM2D3 (I/O)
EQEP3I (I/O)
SCITXDA (O)
SPICLKB
(3) (I/O)
GPIO66
EM1D18 (I/O)
EM2D2 (I/O)
SDAB (I/OD)
SPISTEB
(3) (I/O)
GPIO67
EM1D17 (I/O)
EM2D1 (I/O)
GPIO68
EM1D16 (I/O)
EM2D0 (I/O)
GPIO69
EM1D15 (I/O)
SCLB (I/OD)
SPISIMOC
(3) (I/O)
GPIO70
EM1D14 (I/O)
CANRXA (I)
SCITXDB (O)
SPISOMIC
(3) (I/O)
GPIO71
EM1D13 (I/O)
CANTXA (O)
SCIRXDB (I)
SPICLKC
(3) (I/O)
GPIO72
EM1D12 (I/O)
CANTXB (O)
SCITXDC (O)
SPISTEC
(3) (I/O)
GPIO73
EM1D11 (I/O)
XCLKOUT (O)
CANRXB (I)
SCIRXDC (I)
GPIO74
EM1D10 (I/O)
GPIO75
EM1D9 (I/O)
GPIO76
EM1D8 (I/O)
SCITXDD (O)
GPIO77
EM1D7 (I/O)
SCIRXDD (I)
GPIO78
EM1D6 (I/O)
EQEP2A (I)
GPIO79
EM1D5 (I/O)
EQEP2B (I)
GPIO80
EM1D4 (I/O)
EQEP2S (I/O)
GPIO81
EM1D3 (I/O)
EQEP2I (I/O)
GPIO82
EM1D2 (I/O)
GPIO83
EM1D1 (I/O)
GPIO84
SCITXDA (O)
MDXB (O)
MDXA (O)
GPIO85
EM1D0 (I/O)
SCIRXDA (I)
MDRB (I)
MDRA (I)
GPIO86
EM1A13 (O)
EM1CAS (O)
SCITXDB (O)
MCLKXB (I/O)
MCLKXA (I/O)
GPIO87
EM1A14 (O)
EM1RAS (O)
SCIRXDB (I)
MFSXB (I/O)
MFSXA (I/O)
GPIO88
EM1A15 (O)
EM1DQM0 (O)
GPIO89
EM1A16 (O)
EM1DQM1 (O)
SCITXDC (O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com