Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 75 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 75 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 71Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 72Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 73Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 74Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 75Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 76Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 77Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 78Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 229 page
background image
GPIO
t
f(GPO)
t
r(GPO)
75
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Specifications
Copyright © 2014–2020, Texas Instruments Incorporated
(1)
Rise time and fall time vary with load. These values assume a 40-pF load.
5.9.6
GPIO Electrical Data and Timing
The peripheral signals are multiplexed with general-purpose input/output (GPIO) signals. On reset, GPIO
pins are configured as inputs. For specific inputs, the user can also select the number of input qualification
cycles to filter unwanted noise glitches.
The GPIO module contains an Output X-BAR which allows an assortment of internal signals to be routed
to a GPIO in the GPIO mux positions denoted as OUTPUTXBARx. The GPIO module also contains an
Input X-BAR which is used to route signals from any GPIO input to different IP blocks such as the ADC(s),
eCAP(s), ePWM(s), and external interrupts. For more details, see the X-BAR chapter in the
TMS320F2837xS Microcontrollers Technical Reference Manual.
5.9.6.1
GPIO - Output Timing
Table 5-23 shows the general-purpose output switching characteristics. Figure 5-12 shows the general-
purpose output timing.
Table 5-23. General-Purpose Output Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
tr(GPO)
Rise time, GPIO switching low to high
All GPIOs
8(1)
ns
tf(GPO)
Fall time, GPIO switching high to low
All GPIOs
8(1)
ns
tfGPO
Toggling frequency, GPO pins
25
MHz
Figure 5-12. General-Purpose Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com