Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 71 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 71 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 67Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 68Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 69Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 70Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 71Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 72Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 73Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 74Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 229 page
background image
71
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Specifications
Copyright © 2014–2020, Texas Instruments Incorporated
(1)
Minimum required FRDCNTL[RWAIT].
5.9.4
Flash Parameters
The on-chip flash memory is tightly integrated to the CPU, allowing code execution directly from flash
through 128-bit-wide prefetch reads and a pipeline buffer. Flash performance for sequential code is equal
to execution from RAM. Factoring in discontinuities, most applications will run with an efficiency of
approximately 80% relative to code executing from RAM. This flash efficiency lets designers realize a 2×
improvement in performance when migrating from the previous generation of MCUs. Note that an extra
wait state is automatically added when code is fetched or data is read from Bank 1 (compared to that of
Bank 0), even for prefetched data.
This device also has an OTP (One-Time-Programmable) sector used for the dual code security module
(DCSM), which cannot be erased after it is programmed.
Table 5-19 shows the minimum required flash wait states at different frequencies. Table 5-20 shows the
flash parameters.
Table 5-19. Flash Wait States
CPUCLK (MHz)
MINIMUM WAIT STATES (1)
EXTERNAL OSCILLATOR OR CRYSTAL
INTOSC1 OR INTOSC2
150 < CPUCLK
≤ 200
145 < CPUCLK
≤ 194
3
100 < CPUCLK
≤ 150
97 < CPUCLK
≤ 145
2
50 < CPUCLK
≤ 100
48 < CPUCLK
≤ 97
1
CPUCLK
≤ 50
CPUCLK
≤ 48
0
(1)
Program time is at the maximum device frequency. Program time includes overhead of the flash state machine but does not include the
time to transfer the following into RAM:
•
Code that uses flash API to program the flash
•
Flash API itself
•
Flash data to be programmed
In other words, the time indicated in this table is applicable after all the required code/data is available in the device RAM, ready for
programming. The transfer time will significantly vary depending on the speed of the JTAG debug probe used.
Program time calculation is based on programming 144 bits at a time at the specified operating frequency. Program time includes
Program verify by the CPU. The program time does not degrade with write/erase (W/E) cycling, but the erase time does.
Erase time includes Erase verify by the CPU and does not involve any data transfer.
(2)
Erase time includes Erase verify by the CPU.
Table 5-20. Flash Parameters
PARAMETER
MIN
TYP
MAX
UNIT
Program Time(1)
128 data bits + 16 ECC bits
40
300
µs
8KW sector
90
180
ms
32KW sector
360
720
ms
Erase Time(2) at < 25 cycles
8KW sector
25
50
ms
32KW sector
30
55
Erase Time(2) at 20k cycles
8KW sector
105
4000
ms
32KW sector
110
4000
Nwec
Write/erase cycles
20000
cycles
tretention
Data retention duration at TJ = 85°C
20
years
NOTE
The Main Array flash programming must be aligned to 64-bit address boundaries and each
64-bit word may only be programmed once per write/erase cycle. For more details, see the
"Flash: Minimum Programming Word Size" advisory in the TMS320F2837xS MCUs Silicon
Errata.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com