Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 76 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 76 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 72Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 73Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 74Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 75Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 76Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 77Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 78Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 79Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 229 page
background image
GPIO Signal
1
Sampling Window
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
SYSCLK
(A)
GPxQSELn = 1,0 (6 samples)
(D)
Output From
Qualifier
QUALPRD = 1
(SYSCLK/2)
t
w(IQSW)
t
w(SP)
(SYSCLK cycle * 2 * QUALPRD) * 5
(C)
Sampling Period determined
by GPxCTRL[QUALPRD]
(B)
76
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Specifications
Copyright © 2014–2020, Texas Instruments Incorporated
5.9.6.2
GPIO - Input Timing
Table 5-24 shows the general-purpose input timing requirements. Figure 5-13 shows the sampling mode.
(1)
"n" represents the number of qualification samples as defined by GPxQSELn register.
(2)
For tw(GPI), pulse width is measured from VIL to VIL for an active low signal and VIH to VIH for an active high signal.
Table 5-24. General-Purpose Input Timing Requirements
MIN
MAX
UNIT
tw(SP)
Sampling period
QUALPRD = 0
1tc(SYSCLK)
cycles
QUALPRD
≠ 0
2tc(SYSCLK) * QUALPRD
cycles
tw(IQSW)
Input qualifier sampling window
tw(SP) * (n
(1) – 1)
cycles
tw(GPI)
(2)
Pulse duration, GPIO low/high
Synchronous mode
2tc(SYSCLK)
cycles
With input qualifier
tw(IQSW) + tw(SP) + 1tc(SYSCLK)
cycles
A.
This glitch will be ignored by the input qualifier. The QUALPRD bit field specifies the qualification sampling period. It
can vary from 00 to 0xFF. If QUALPRD = 00, then the sampling period is 1 SYSCLK cycle. For any other value "n",
the qualification sampling period in 2n SYSCLK cycles (that is, at every 2n SYSCLK cycles, the GPIO pin will be
sampled).
B.
The qualification period selected through the GPxCTRL register applies to groups of 8 GPIO pins.
C.
The qualification block can take either three or six samples. The GPxQSELn Register selects which sample mode is
used.
D.
In the example shown, for the qualifier to detect the change, the input should be stable for 10 SYSCLK cycles or
greater. In other words, the inputs should be stable for (5 x QUALPRD x 2) SYSCLK cycles. This would ensure
5 sampling periods for detection to occur. Because external signals are driven asynchronously, an 13-SYSCLK-wide
pulse ensures reliable recognition.
Figure 5-13. Sampling Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com