Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 6Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 7Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 8Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 9Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 10Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 11Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 12Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 13Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 229 page
background image
10
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Device Comparison
Copyright © 2014–2020, Texas Instruments Incorporated
Table 3-1. Device Comparison (continued)
FEATURE
(1)
28379S
28378S
28377S
28376S
28375S
28374S
Package Type
(ZWT is an nFBGA package.
PTP is an HLQFP package.
PZP is an HTQFP package.)
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
176-
Pin
PTP
100-
Pin
PZP
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
(2)
Time between start of sample-and-hold window to start of sample-and-hold window of the next conversion.
(3)
For devices that are available in more than one package, the peripheral count listed in the smaller package is reduced because the
smaller package has less device pins available. The number of peripherals internally present on the device is not reduced compared to
the largest package offered within a part number. See Section 4 to identify which peripheral instances are accessible on pins in the
smaller package.
(4)
The CAN module uses the IP known as D_CAN. This document uses the names CAN and D_CAN interchangeably to reference this
peripheral.
(5)
The letter Q refers to AEC Q100 qualification for automotive applications.
Analog Peripherals
ADC 16-bit
mode
MSPS
1.1
–
1.1
–
Conversion Time
(ns)
(2)
915
–
915
–
Input pins
24
20
14
–
24
20
14
24
20
14
–
Channels (differential)
12
9
7
–
12
9
7
12
9
7
–
ADC 12-bit
mode
MSPS
3.5
Conversion Time
(ns)
(2)
280
Input pins
24
20
14
20
14
24
20
14
24
20
14
24
20
14
24
20
14
Channels
(single-ended)
24
20
14
20
14
24
20
14
24
20
14
24
20
14
24
20
14
Number of 16-bit or 12-bit ADCs
4
2
–
4
2
4
2
–
Number of 12-bit only ADCs
–
4
2
–
4
2
4
2
Temperature sensor
1
CMPSS (each CMPSS has two
comparators and two internal DACs)
8
4
8
4
8
4
8
4
8
4
8
4
Buffered DAC
3
Control Peripherals
(3)
eCAP inputs – Type 0
6
Enhanced Pulse Width Modulator
(ePWM) channels – Type 4
24
15
24
15
24
15
24
15
24
15
24
15
eQEP modules – Type 0
3
2
3
2
3
2
3
2
3
2
3
2
High-resolution ePWM channels –
Type 4
16
9
16
9
16
9
16
9
16
9
16
9
SDFM channels – Type 0
8
6
8
6
8
6
8
6
8
6
8
6
Communication Peripherals
(3)
Controller Area Network (CAN) –
Type 0
(4)
2
Inter-Integrated Circuit (I2C) – Type 0
2
Multichannel Buffered Serial Port
(McBSP) – Type 1
2
Serial Communications Interface
(SCI) – Type 0
4
3
4
3
4
3
4
3
4
3
4
3
Serial Peripheral Interface (SPI) –
Type 2
3
Universal Serial Bus (USB) – Type 0
1
uPP – Type 0
1
Temperature and Qualification
Junction
Temperature
(TJ)
T: –40°C to 105°C
Yes
No
Yes
S: –40°C to 125°C
Yes
Q: –40°C to 150°C
(5)
No
No
Yes
No
No
Yes
No
Free-Air
Temperature
(TA)
Q: –40°C to 125°C
(5)
No
No
Yes
No
No
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com