Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 70 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 70 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 66Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 67Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 68Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 69Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 70Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 71Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 72Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 73Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 229 page
background image
70
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Specifications
Copyright © 2014–2020, Texas Instruments Incorporated
5.9.3.5
Internal Oscillators
To reduce production board costs and application development time, all F2837xS devices contain two
independent internal oscillators, referred to as INTOSC1 and INTOSC2. By default, both oscillators are
enabled at power up. INTOSC2 is set as the source for the system reference clock (OSCCLK) and
INTOSC1 is set as the backup clock source. INTOSC1 can also be manually configured as the system
reference clock (OSCCLK). Table 5-18 provides the electrical characteristics of the internal oscillators to
determine if this module meets the clocking requirements of the application.
Table 5-18 provides the electrical characteristics of the two internal oscillators.
NOTE
This oscillator cannot be used as the PLL source if the PLLSYSCLK is configured to
frequencies above 194 MHz.
Table 5-18. Internal Oscillator Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(INTOSC)
Frequency, INTOSC1 and INTOSC2
9.7
10.0
10.3
MHz
f(INTOSC-STABILITY)
Frequency stability at room temperature
30ºC, Nominal VDD
±0.1%
Frequency stability over VDD
30ºC
±0.2%
Frequency stability
–3.0%
3.0%
f(INTOSC-ST)
Start-up and settling time
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com